Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2957 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2957
Description  5V Low-Dropout Regulator for P Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2957 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP2957 Datasheet HTML 6Page - National Semiconductor (TI) LP2957 Datasheet HTML 7Page - National Semiconductor (TI) LP2957 Datasheet HTML 8Page - National Semiconductor (TI) LP2957 Datasheet HTML 9Page - National Semiconductor (TI) LP2957 Datasheet HTML 10Page - National Semiconductor (TI) LP2957 Datasheet HTML 11Page - National Semiconductor (TI) LP2957 Datasheet HTML 12Page - National Semiconductor (TI) LP2957 Datasheet HTML 13Page - National Semiconductor (TI) LP2957 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Hints (Continued)
Solving for R2:
DESIGN EXAMPLE #2:
A 5V regulated output is to be powered from a battery made
up of six NiCad cells. The cell data is:
cell voltage (full charged): 1.4V
cell voltage (90% discharged): 1.0V
The internal impedance of a typical battery is low enough
that source loading during regulator turn-on is not usually a
problem.
In a battery-powered application, the turn-off voltage V
OFF
should be selected so that the regulator is shut down when
the batteries are about 90% discharged (over discharge can
damage rechargeable batteries).
In this case, the battery voltage will be 6.0V at the 90% dis-
charge point (since there are six cells at 1.0V each). That
means for this application, V
OFF will be set to 6.0V.
Selecting the optimum voltage for V
ON requires understand-
ing battery behavior. If a Ni-Cad battery is nearly discharged
(cell voltage 1.0V) and the load is removed , the cell volt-
age will drift back up. The voltage where the regulator turns
on must be set high enough to keep the regulator from
re-starting during this time, or an on-off pulsing mode can oc-
cur.
If the regulator restarts when the discharged cell voltage
drifts up, the load on the battery will cause the cell voltage to
fall below the turn-off level, which causes the regulator to
shut down. The cell voltage will again float up and the on-off
cycling will continue.
For NiCad batteries, a good cell voltage to use to calculate
V
ON is about 1.2V per cell. In this application, this will yield a
value for V
ON of 7.2V.
We can now find R1, R2 and R3 assuming:
V
OFF = 6.0V
V
ON = 7.2V
R3 = 49.9k
Solving for R1:
Solving for R2:
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com