Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2960 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2960
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2960 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2960 Datasheet HTML 1Page - National Semiconductor (TI) LP2960 Datasheet HTML 2Page - National Semiconductor (TI) LP2960 Datasheet HTML 3Page - National Semiconductor (TI) LP2960 Datasheet HTML 4Page - National Semiconductor (TI) LP2960 Datasheet HTML 5Page - National Semiconductor (TI) LP2960 Datasheet HTML 6Page - National Semiconductor (TI) LP2960 Datasheet HTML 7Page - National Semiconductor (TI) LP2960 Datasheet HTML 8Page - National Semiconductor (TI) LP2960 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply
over the full operating temperature range. Unless otherwise specified: C
IN = 4.7 µF, VIN = VO(NOM) + 1V, IL = 1 mA,
COUT = 10 µF for 5V parts or COUT = 22 µF for 3.3V parts, Feedback pin is tied to VTAP pin, Output pin is tied to Sense pin,
VS/D = 2V. (Continued)
Symbol
Parameter
Conditions
Typ
LP2960AI
(Note 14)
LP2960I
(Note 14)
Units
Min
Max
Min
Max
V
REF
Reference Voltage
1.235
1.220
1.210
1.250
1.265
1.210
1.195
1.260
1.275
V
Reference Voltage
Line Regulation
(Note 13)
0.05
0.1
0.30
0.2
0.4
%
Reference Voltage
Load Regulation
I
REF = 0– 200 µA
0.45
0.6
0.9
1.2
1.5
%
Reference Voltage
Temperature Coefficient
(Note 5)
20
ppm/˚C
I
B(FB)
Feedback Pin Bias
Current
−20
−50
−70
−50
−70
nA
DROPOUT DETECTION COMPARATOR
I
OH
Output HIGH Leakage
V
OH = 30V
0.01
1
2
1
2
µA
V
OL
Output LOW Voltage
V
IN = VO(NOM) − 1V
I
O(COMP) = 400 µA
125
250
400
250
400
mV
V
THR(max) Upper Threshold Voltage
(Note 9)
−60
−80
−100
−35
−25
−80
−100
−35
−25
mV
V
THR(min)
Lower Threshold Voltage
(Note 9)
−85
−130
−200
−70
−35
−130
−200
−70
−35
mV
HYST
Hysteresis
(Note 9)
25
mV
SHUTDOWN INPUT
V
OS
Input Offset Voltage
(Referred to V
REF)
±5
−18
−24
18
24
−18
−24
18
24
mV
HYST
Hysteresis
(Referred to V
REF)10
mV
I
B
Input Bias Current
V
S/D = 0– 5V
−20
−60
−100
60
100
−60
−100
60
100
nA
I
OUT(S/D)
Regulator Output Current
in Shutdown
(Note 12)
3
12
20
12
20
µA
AUXILIARY COMPARATOR
V
OS
Input Offset Voltage
(Referred to V
REF)
±5
−15
−20
15
20
−15
−20
15
20
mV
HYST
Hysteresis
(Referred to V
REF)10
mV
I
B
Input Bias Current
V
COMP = 0– 5V
−20
−60
−100
60
100
−60
−100
60
100
nA
I
OH
Output HIGH Leakage
V
OH = 30V
V
COMP = 1.3V
0.01
1
2
1
2
µA
V
OL
Output LOW Voltage
V
COMP = 1.1V
I
O = 400 µA
125
250
400
250
400
mV
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the de-
vice outside of its rated operating conditions.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ (max), the junction-to-ambient thermal resistance, θJ−A,
and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. See APPLICATION
HINTS for additional information on heatsinking and thermal resistance.
Note 3: When used in dual-supply systems where the regulator load is returned to a negative supply, the output voltage must be diode-clamped to ground.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com