Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2960 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2960
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2960 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2960 Datasheet HTML 1Page - National Semiconductor (TI) LP2960 Datasheet HTML 2Page - National Semiconductor (TI) LP2960 Datasheet HTML 3Page - National Semiconductor (TI) LP2960 Datasheet HTML 4Page - National Semiconductor (TI) LP2960 Datasheet HTML 5Page - National Semiconductor (TI) LP2960 Datasheet HTML 6Page - National Semiconductor (TI) LP2960 Datasheet HTML 7Page - National Semiconductor (TI) LP2960 Datasheet HTML 8Page - National Semiconductor (TI) LP2960 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP2960
Adjustable Micropower 0.5A Low-Dropout Regulators
General Description
The LP2960 is a micropower voltage regulator with very low
dropout voltage (12 mV typical at 1 mA load and 470 mV
typical at 500 mA load) and very low quiescent current
(450 µA typical at 1 mA load).
The LP2960 is ideally suited for battery-powered systems:
the quiescent current increases only slightly at dropout,
which prolongs battery life.
The LP2960 retains all the desirable characteristics of the
LP2953, and offers increased output current.
The error flag goes low any time the output drops more than
5% out of regulation.
Reverse battery protection is provided.
The LP2960 requires only 10 µF of output capacitance for
stability (5V version).
The internal voltage reference is made available for external
use, providing a low-T.C. reference with very good regulation
characteristics.
The parts are available in 16-pin plastic DIP and 16-pin sur-
face mount packages.
Features
n Output voltage adjusts from 1.23V–29V
n Guaranteed 500 mA output current
n 5V and 3.3V versions available
n 16-pin DIP and 16-pin SO packages
n Low dropout voltage
n Low quiescent current
n Tight line and load regulation
n Low temperature coefficient
n Current limiting and thermal protection
n Logic-level shutdown
n Can be wired for snap-ON and snap-OFF
n Reverse battery protection
Applications
n High-efficiency linear regulator
n Regulator with under-voltage shutdown
n Low dropout battery-powered regulator
n Cellular telephones
Block Diagram
DS011962-1
April 1999
© 1999 National Semiconductor Corporation
DS011962
www.national.com


Similar Part No. - LP2960

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
Adjustable Micropower 0.5A Low-Dropout Regulators
LP2960 TI2-LP2960 Datasheet
791Kb / 25P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
REVISED APRIL 2013
LP2960AIM-3.3 TI1-LP2960AIM-3.3 Datasheet
1Mb / 24P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
LP2960AIM-3.3/NOPB TI1-LP2960AIM-3.3/NOPB Datasheet
1Mb / 24P
Adjustable Micropower 0.5A Low-Dropout Regulators
More results

Similar Description - LP2960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
Adjustable Micropower Low-Dropout Voltage Regulators
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2960IMX-33 TI1-LP2960IMX-33 Datasheet
1Mb / 24P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
Adjustable Micropower 0.5A Low-Dropout Regulators
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com