Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2960 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2960
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2960 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2960 Datasheet HTML 1Page - National Semiconductor (TI) LP2960 Datasheet HTML 2Page - National Semiconductor (TI) LP2960 Datasheet HTML 3Page - National Semiconductor (TI) LP2960 Datasheet HTML 4Page - National Semiconductor (TI) LP2960 Datasheet HTML 5Page - National Semiconductor (TI) LP2960 Datasheet HTML 6Page - National Semiconductor (TI) LP2960 Datasheet HTML 7Page - National Semiconductor (TI) LP2960 Datasheet HTML 8Page - National Semiconductor (TI) LP2960 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction Temperature
Range
LP2960AI/LP2960I
−40˚C to +125˚C
Lead Temperature (Soldering, 5 sec.)
260˚C
Power Dissipation (Note 2)
Internally Limited
Input Supply Voltage
−20V to +30V
Feedback Input Voltage (Note 3)
−0.3V to +5V
Comparator Input Voltage (Note 4)
−0.3V to +30V
Comparator Output Voltage (Note 4)
−0.3V to +30V
ESD Rating (Note 15)
1.5 kV
Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply
over the full operating temperature range. Unless otherwise specified: C
IN = 4.7 µF, VIN = VO(NOM) + 1V, IL = 1 mA,
C
OUT = 10 µF for 5V parts or COUT = 22 µF for 3.3V parts, Feedback pin is tied to VTAP pin, Output pin is tied to Sense pin,
V
S/D = 2V.
Symbol
Parameter
Conditions
Typ
LP2960AI
(Note 14)
LP2960I
(Note 14)
Units
Min
Max
Min
Max
V
O
Output Voltage
(5V Versions)
1mA
≤ I
L ≤ 500 mA
5.0
4.962
4.930
5.038
5.070
4.925
4.880
5.075
5.120
V
Output Voltage
(3.3 Versions)
1mA
≤ I
L ≤ 500 mA
3.3
3.275
3.254
3.325
3.346
3.250
3.221
3.350
3.379
Output Voltage
Temperature Coefficient
(Note 5)
20
130
160
ppm/˚C
Output Voltage
Line Regulation
V
IN = [VO(NOM) + 1V] to 30V
0.06
0.2
0.5
0.4
0.8
%
Output Voltage
Load Regulation
(Note 6)
0.08
0.16
0.30
0.20
0.40
%
V
IN −VO
Dropout Voltage (Note 7)
I
L = 1mA
12
30
50
30
50
mV
I
L = 100 mA
180
250
350
250
350
I
L = 200 mA
260
350
450
350
450
I
L = 500 mA
470
600
800
600
800
I
GND
Ground Pin Current
(Note 8)
I
L = 1mA
450
600
750
600
750
µA
I
L = 100 mA
2.6
4.0
5.0
4.0
5.0
mA
I
L = 200 mA
2.5
8
10
8
10
I
L = 500 mA
21
35
40
35
40
I
GND
Ground Pin Current
at Dropout (Note 8)
V
IN = VO(NOM) − 0.5V
I
L = 100 µA
1.8
3
5
3
5
mA
Ground Pin Current
at Shutdown (Note 8)
V
SD ≤ 1.1V
300
400
400
µA
I
LIMIT
Current Limit
R
L = 0.5Ω
1000
1500
1600
1500
1600
mA
Thermal Regulation
(Note 10)
0.05
0.2
0.2
%/W
e
n
Output Noise Voltage
@ I
L = 100 mA
(10 Hz–100kHz)
C
OUT = 10 µF
300
µV RMS
C
OUT = 47 µF
210
C
OUT = 47 µF (Note 11)
130
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com