Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2960 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2960
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2960 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP2960 Datasheet HTML 9Page - National Semiconductor (TI) LP2960 Datasheet HTML 10Page - National Semiconductor (TI) LP2960 Datasheet HTML 11Page - National Semiconductor (TI) LP2960 Datasheet HTML 12Page - National Semiconductor (TI) LP2960 Datasheet HTML 13Page - National Semiconductor (TI) LP2960 Datasheet HTML 14Page - National Semiconductor (TI) LP2960 Datasheet HTML 15Page - National Semiconductor (TI) LP2960 Datasheet HTML 16Page - National Semiconductor (TI) LP2960 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Typical Applications
Low T.C. Current Sink
DS011962-32
5V Bus Current Limiter with Load Fault Indicator
DS011962-33
*Output voltage equals +VIN minus dropout voltage, which varies with
output current. Current limits at a maximum of 1000 mA (typical).
**Select R1 so that the comparator input voltage is 1.23V at the output
voltage which corresponds to the desired fault current value.
5V Regulator with Error Flags for Low
BATTERY and OUT OF REGULATION
DS011962-34
*Connect to Logic or µP control inputs.
LOW BATT flag warns the user that the battery has discharged down to
about 5.8V, giving the user time to recharge the battery or power-down
some hardware with high power requirements. The output is still in
regulation at this time.
OUT OF REGULATION flag indicates when the battery is almost
completely discharged, and can be used to initiate a power-down
sequence.
5V Regulator with Snap-ON/Snap-OFF
Feature and Hysteresis
DS011962-35
*Turns ON at VIN = 5.87V
Turns OFF at VIN = 5.64V
(for component values shown)
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com