Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2960 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2960
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2960 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2960 Datasheet HTML 1Page - National Semiconductor (TI) LP2960 Datasheet HTML 2Page - National Semiconductor (TI) LP2960 Datasheet HTML 3Page - National Semiconductor (TI) LP2960 Datasheet HTML 4Page - National Semiconductor (TI) LP2960 Datasheet HTML 5Page - National Semiconductor (TI) LP2960 Datasheet HTML 6Page - National Semiconductor (TI) LP2960 Datasheet HTML 7Page - National Semiconductor (TI) LP2960 Datasheet HTML 8Page - National Semiconductor (TI) LP2960 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply
over the full operating temperature range. Unless otherwise specified: C
IN = 4.7 µF, VIN = VO(NOM) + 1V, IL = 1 mA,
COUT = 10 µF for 5V parts or COUT = 22 µF for 3.3V parts, Feedback pin is tied to VTAP pin, Output pin is tied to Sense pin,
VS/D = 2V. (Continued)
Note 4: May exceed the input supply voltage.
Note 5: Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 6: Output voltage load regulation is measured at constant junction temperature using low duty cycle pulse testing. Two separate tests are performed, one for
the load current range of 100 µA to 1 mA and one for the 1 mA to 500 mA range. Changes in output voltage due to heating effects are covered by the thermal regu-
lation specification.
Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a 1V differential. At
very low values of programmed output voltage, the input voltage minimum of 2V (2.3V over temperature) must be observed.
Note 8: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current, output load current, and
current through the external resistive divider (if used).
Note 9: Dropout detection comparator threshold voltages are expressed in terms of a voltage differential measured at the Feedback terminal below the
nominal ref-
erence voltage, which is the reference voltage measured with VIN = VO(NOM) + 1V. To express these thresholds in terms of output voltage change, multiply by the
error amplifier gain which is VO/VREF = (R1 + R2)/R2 (see Basic Application Circuit).
Note 10: Thermal regulation is the change in output voltage at a time T after a change in power dissipation, excluding load or line regulation effects. Specifications
are for a 400 mA load pulse at VIN = VO(NOM) + 15V (6W pulse) for T = 10 ms.
Note 11: Connect a 0.1 µF capacitor from the output to the feedback pin.
Note 12: Vshutdown
≤ 1.1V, VIN < 30V, VOUT = 0V.
Note 13: Two separate tests are performed for referenc e voltage line regulation, one covering 2.5V
≤ VIN ≤ VO(NOM) + 1V and the other test for VO(NOM) + 1V
≤ VIN ≤ 30V.
Note 14: All room temperature limits are 100% production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level.
Note 15: Human Body Model, 200 pF discharged through 1.5 k
Ω.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com