Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC84520 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC84520
Description  TWO IN ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC84520 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC84520 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Silan
Semiconductors
SC84520
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
4
AC ELECTRICAL CHARACTERISTICS (Tamb=25~70°C)
PS/2 mouse mode:
Parameter
Symbol
Min
Typ
Max
Unit
Oscillating Frequency
Fosc
37-3%
37
37+3%
kHz
Key Debounce
Tkd
--
12
--
ms
Rising Edge Crossed Width
Tr
13.5
--
--
µs
Falling Edge Crossed Width
Tf
13.5
--
--
µs
Mouse CLK Active Time
Tmca
--
40.5
--
µs
Mouse CLK Inactive Time
Tmci
--
40.5
--
µs
Time that Mouse Sample DATA from CLK rising Edge
Tmdc
--
13.5
--
µs
System CLK Active Time
Tsca
--
40.5
--
µs
System CLK Inactive Time
Tsci
--
40.5
--
µs
Time from DATA Transition to Falling Edge of CLK
Tsdc
--
13.5
--
µs
Time from rising Edge of CLK to DATA Transition
Tscd
--
27
--
µs
Time to mouse Inhibit after the 11th CLK to
ensure mouse does not start another Transmission
Tpi
0
--
50
µs
Serial mouse mode:
Parameter
Symbol
Min
Typ
Max
Unit
Oscillating Frequency
Fosc
32.4-3%
32.4
32.4+3%
kHz
Key Debounce
Tkd
--
13
--
ms
Rising Edge Crossed Width
Tr
15.4
--
--
µs
Falling Edge Crossed Width
Tf
15.4
--
--
µs
Transmission Time
Tmx
--
33.33
--
ms
Start bit time
Ts
--
833.3
--
µs
Data bit time
Td
--
833.3
--
µs
Stop bit time
Tp
--
833.3
--
µs
Mode code delay Time
Trd
11
--
14
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com