Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC84520 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SC84520
Description  TWO IN ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC84520 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SC84520 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Silan
Semiconductors
SC84520
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
8
d. Wrap Mode:
Any byte of data sent by the system. Except hex EC(Reset wrap mode) or hex FF (Reset) is returned by
SC84520.
B) PS/2 Mouse Data Report:
a. In stream mode: A data report is sent at the end of a sample interval.
b. In remote mode: A data report is sent in response to Read Data command.
c. Data report format:
Byte
Bit
Description
1
0
Left button status; 1 = pressed
1
Right button status; 1 = pressed
2
Middle button status; 1 = pressed
3
Reserve
4
X data sign; 1 = negative
5
Y data sign; 1 = negative
6
X data overflow; 1 = overflow
7
Y data overflow; 1 = overflow
2
0-7
X data ( D0 – D7)
3
0-7
Y data ( D0 – D7)
C) PS/2 Mouse Data Transmission:
a. SC84520 generates the clocking signal when sending data to and receiving data from the system.
b. The system requests SC84520 receive system data output by forcing the DATA line to an inactive level and
allowing CLKlinetogotoanactivelevel.
c. Data transmission frame:
Bit
Function
1
Start bit (always 0)
2-9
Data bits (D0 – D7)
10
Parity bit (odd parity)
11
Stop bit (always 1)
d. Data Output (data from SC84520 to system):
If CLK is low (inhibit status), data is no transmission.
If CLK is high and DATA is low (request –to-send), data is update. Data is received from the system and no
transmission are started by SC84520 until CLK and DATA both high. If CLK and DATA both are high, the
transmission is ready. DATA is valid prior to the falling edge of CLK and beyond the rising edge of CLK.
During transmission, SC84520 check for line contention by checking for an inactive level on CLK at intervals
not to exceed 100
µs, Contention occurs when the system lowers CLK to inhibit SC84520 output after



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com