Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC84520 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC84520
Description  TWO IN ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC84520 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC84520 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Silan
Semiconductors
SC84520
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
1
TWO IN ONE SCROLLING MOUSE
CONTROLLER
DESCRIPTION
The SC84520 Scrolling Mouse Controller id specially designed to
control serial mouse or PS/2 mouse device. This single chip can
interface three key-switched and 4 X-Y photo-couples plus Z-axis
directly plus Z-axis directly to RS-232C or 8042 controller.
There are four types Z-axis inputs used to implement scrolling
mouse functionality.
FEATURES
*Using 50k
Ω± 1% resistor for RC oscillation
*Compatible with legacy PS/2 mouse
*Compatible with Microsoft serial scrolling mouse
*Compatible with Microsoft PS/2 scrolling mouse
*Serial or PS/2 port auto-detect
*100 bytes PnP ID code could be filled by code layer
*Built-in noise immunity circuit
*The sampling rate of motion detector is up to 65 kHz
*Built-in three zener diodes : one in VDD to VSS,two in RTS to VDD
*CMOS push-pull RXD output
*Built-in current comparator for photo-couples input
*Built-in three step dynamic input impedance
*Three key-switches and four photo-coupled inputs
*RTS debouncing circuit include
*Photo couple test mode include
*Low power dissipation
*Six types Z direction input:
1. Photo couples input (Z/1)
2. Key-switches input
3. Voltage-sensing input
4. Mechanical input(Z/1)
5. Photo couples input (Z/4)
6. Mechanical input (Z/2)
DIP-16
*Package type:
SC84510AP: 16DIP, Photo coupled
input(Z/1)
SC84510BP: 16DIP, Key-switches input
SC84510CP: 16DIP, Voltage-sensing
Input
SC84510DP: 16DIP, Mechanical input
(Z/1)
SC84510EP: 16DIP, Photo couples input
(Z/4)
SC84510FP: 16DIP, Mechanical input
(Z/2)
APPLICATIONS
*Serial PnP scrolling mouse
*PS/2 scrolling mouse
*Combo PnP scrolling mouse


Similar Part No. - SC84520

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC84502 SILAN-SC84502 Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
SC84502BP SILAN-SC84502BP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
SC84510 SILAN-SC84510 Datasheet
177Kb / 17P
PS/2 SCROLLING MOUSE CONTROLIER
SC84510AP SILAN-SC84510AP Datasheet
177Kb / 17P
PS/2 SCROLLING MOUSE CONTROLIER
More results

Similar Description - SC84520

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
ALL IN ONE MOUSE CONTROLLER
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
2-IN-ONE SCROLLING MOUSE CONTROLLER
EM84530 EMC-EM84530 Datasheet
84Kb / 14P
2-IN-ONE MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84510 SILAN-SC84510 Datasheet
177Kb / 17P
PS/2 SCROLLING MOUSE CONTROLIER
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
PS/2 SCROLLING MOUSE CONTROLLER
logo
List of Unclassifed Man...
TP8833AP ETC-TP8833AP Datasheet
373Kb / 35P
MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84513 EMC-EM84513 Datasheet
485Kb / 24P
Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com