Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC84520 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SC84520
Description  TWO IN ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC84520 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SC84520 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 13Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 14Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 15Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 16Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 17Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 18Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Silan
Semiconductors
SC84520
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
18
APPLICATIONS CIRCUITS (continued)
15
14
13
12
4
3
11
10
9
1
5
6
7
2
16
8
VDD
CLK/RTS
DATA/RXD
OPT
OSC OUT
VSS
OSCR
L
M
R
Z1
Z2
X1
X2
Y1
Y2
SC84520C
1
2
3
4
5
6
1
2
3
4
5
6
7
8
9
DATA
GND
+5V
CLK
RXD
TXD
DTR
SG
DSR
RTS
5.1V
1k
4 chips digital PT
2 chips digital PT
10
µf
0.1
µf
* 50k
must be precise
resistor under ±1%.
15
14
13
12
4
3
11
10
9
1
5
6
7
2
16
8
VDD
CLK/RTS
DATA/RXD
OPT
OSC OUT
VSS
OSCR
L
M
R
Z1
Z2
X1
X2
Y1
Y2
SC84520D/F
1
2
3
4
5
6
1
2
3
4
5
6
7
8
9
DATA
GND
+5V
CLK
RXD
TXD
DTR
SG
DSR
RTS
5.1V
1k
4 chips digital PT
2 chips digital PT
10
µf
0.1
µf
A
B
COM**
* 50k
must be precise
resistor under ±1%.
** Mechanical wheel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com