Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC84520 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SC84520
Description  TWO IN ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC84520 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SC84520 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 13Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 14Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 15Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 16Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Silan
Semiconductors
SC84520
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
13
3.MICROSOFT OPS/2 SCROLLING MOUSE MODE:
A) Entering procedure: Except in WRAP mode, While SC84520 received the following consecutive
command.
a. F3 C8
---- set sampling rate 200/sec
b. F3 64
---- set sampling rate 100/sec
c. F3 50
---- set sampling rate 80/sec
B) Operating:
a. All of the command in legacy mode still be valid.
b. The ID code of read device type command (F2) will changed from “00” to be “03”.
c. Data report will be four bytes format:
Byte
Bit
Description
1
0
Left button status; 1 = pressed
1
Right button status; 1 = pressed
2
Middle button status; 1 = pressed
3
Reserve
4
X data sign; 1 = negative
5
Y data sign; 1 = negative
6
X data overflow; 1 = overflow
7
Y data overflow; 1 = overflow
2
0 - 7
X data (D0 – D7)
3
0 - 7
Y data (D0 – D7)
4
0 - 7
Z data (D0 – D7)
C) Exiting Microsoft scrolling mode:
Thereare twoways toexit:
a. Power off.
b. Reset command (FF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com