Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3986 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3986 Datasheet HTML 1Page - National Semiconductor (TI) LP3986 Datasheet HTML 2Page - National Semiconductor (TI) LP3986 Datasheet HTML 3Page - National Semiconductor (TI) LP3986 Datasheet HTML 4Page - National Semiconductor (TI) LP3986 Datasheet HTML 5Page - National Semiconductor (TI) LP3986 Datasheet HTML 6Page - National Semiconductor (TI) LP3986 Datasheet HTML 7Page - National Semiconductor (TI) LP3986 Datasheet HTML 8Page - National Semiconductor (TI) LP3986 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Ordering Information
For micro SMD Package (BL has thickness of 0.995mm)
Output
Voltage (V)
Grade
Package
Marking
LP3986 Supplied as 250 Units,
Tape and Reel
LP3986 Supplied as 3000
Units, Tape and Reel
2.52.8
STD
14
LP3986BL-2528
LP3986BLX-2528
2.82.8
STD
10
LP3986BL-2828
LP3986BLX-2828
2.852.85
STD
11
LP3986BL-285285
LP3986BLX285285
2.92.9
STD
15
LP3986BL-2929
LP3986BLX-2929
3.03.0
STD
12
LP3986BL-3030
LP3986BLX-3030
3.13.1
STD
13
LP3986BL-3131
LP3986BLX-3131
3.13.3
STD
16
LP3986BL-3133
LP3986BLX-3133
3.33.3
STD
17
LP3986BL-3333
LP3986BLX-3333
For micro SMD Package (TL has thickness of 0.600mm)
Output
Voltage (V)
Grade
Package
Marking
LP3986 Supplied as 250 Units,
Tape and Reel
LP3986 Supplied as 3000
Units, Tape and Reel
2.52.8
STD
14
LP3986TL-2528
LP3986TLX-2528
2.82.8
STD
10
LP3986TL-2828
LP3986TLX-2828
2.852.85
STD
11
LP3986TL-285285
LP3986TLX285285
2.92.9
STD
15
LP3986TL-2929
LP3986TLX-2929
3.03.0
STD
12
LP3986TL-3030
LP3986TLX-3030
3.13.1
STD
13
LP3986TL-3131
LP3986TLX-3131
3.13.3
STD
16
LP3986TL-3133
LP3986TLX-3133
3.33.3
STD
17
LP3986TL-3333
LP3986TLX-3333
20003403
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com