Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3986 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3986 Datasheet HTML 1Page - National Semiconductor (TI) LP3986 Datasheet HTML 2Page - National Semiconductor (TI) LP3986 Datasheet HTML 3Page - National Semiconductor (TI) LP3986 Datasheet HTML 4Page - National Semiconductor (TI) LP3986 Datasheet HTML 5Page - National Semiconductor (TI) LP3986 Datasheet HTML 6Page - National Semiconductor (TI) LP3986 Datasheet HTML 7Page - National Semiconductor (TI) LP3986 Datasheet HTML 8Page - National Semiconductor (TI) LP3986 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified: V
IN =VOUT(nom) + 0.5V, CIN = 1 µF, IOUT = 1mA, COUT = 1 µF, CBYPASS = 0.01µF. Typical values
and limits appearing in standard typeface are for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, −40˚C to +125˚C. (Note 7) (Note 8)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
e
n
Output Noise Voltage
BW = 10 Hz to 100 kHz,
C
OUT = 1µF
40
µVrms
ρn(1/f)
Output Noise Density
f = 120 Hz,
C
OUT = 1µF
1
µV/
I
EN
Maximum Input Current
at EN
V
EN = 0.4 and VIN =6V
±10
nA
V
IL
Maximum Low Level
Input Voltage at EN
V
IN = 2.5 to 6V
0.4
V
V
IH
Minimum High Level
Input Voltage at EN
V
IN = 2.5 to 6V
1.4
V
Xtalk
Crosstalk Rejection
∆I
Load1 = 150 mA at 1KHz rate
∆I
Load2 =1mA
∆V
OUT2/
∆V
OUT1
−60
dB
∆I
Load2 = 150 mA at 1KHz rate
∆I
Load1 =1mA
∆V
OUT2/
∆V
OUT1
−60
C
OUT
Capacitance
(Note 13)
122
µF
ESR
(Note 14)
5
500
m
Ω
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Additional information on pad temperature can be found in National Semiconductor Application Note (AN-1112).
Note 4: The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula:
P
D =(TJ -TA)/
θ
JA,
Where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The 364mW rating appearing under
Absolute Maximum Ratings results from substituting the Absolute Maximum junction temperature, 150˚C, for TJ, 70˚C for TA, and 220˚C/W for θJA. More power can
be dissipated safely at ambient temperatures below 70˚C . Less power can be dissipated safely at ambient temperatures above 70˚C. The Absolute Maximum power
dissipation can be increased by 4.5mW for each degree below 70˚C, and it must be derated by 4.5mW for each degree above 70˚C.
Note 5: The human body model is 100pF discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged directly into each
pin.
Note 6: Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The 250mW rating
appearing under Operating Ratings results from substituting the maximum junction temperature for operation, 125˚C, for TJ, 70˚C for TA, and 220˚C/W for θJA into
(1) above. More power can be dissipated at ambient temperatures below 70˚C . Less power can be dissipated at ambient temperatures above 70˚C. The maximum
power dissipation for operation can be increased by 4.5mW for each degree below 70˚C, and it must be derated by 4.5mW for each degree above 70˚C.
Note 7: All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production with TJ = 25˚C or correlated using
Statistical Quality Control (SQC) methods. All hot and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations
and applying statistical process control.
Note 8: The target output voltage, which is labeled VOUT(nom), is the desired voltage option.
Note 9: The output voltage changes slightly with line voltage. An increase in the line voltage results in a slight increase in the output voltage and vice versa.
Note 10: The output voltage changes slightly with load current. An increase in the load current results in a slight decrease in the output voltage and vice versa.
Note 11: Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value.
Note 12: Turn-on time is that between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal value.
Note 13: Range of capacitor values for which the device will remain stable. This electrical specification is guaranteed by design.
Note 14: Range of capacitor ESR values for which the device will remain stable. This electrical specification is guaranteed by design.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com