Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3986 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3986 Datasheet HTML 1Page - National Semiconductor (TI) LP3986 Datasheet HTML 2Page - National Semiconductor (TI) LP3986 Datasheet HTML 3Page - National Semiconductor (TI) LP3986 Datasheet HTML 4Page - National Semiconductor (TI) LP3986 Datasheet HTML 5Page - National Semiconductor (TI) LP3986 Datasheet HTML 6Page - National Semiconductor (TI) LP3986 Datasheet HTML 7Page - National Semiconductor (TI) LP3986 Datasheet HTML 8Page - National Semiconductor (TI) LP3986 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Block Diagram
LP3986
20003402
Pin Description
Name
*micro SMD
Function
V
OUT2
A1
Output Voltage of the second LDO
EN
2
B1
Enable input for the second LDO
BYPASS
C1
Bypass capacitor for the bandgap
GND
C2
Common ground
GND
C3
Common ground
EN
1
B3
Enable input for the first LDO
V
OUT1
A3
Output Voltage of the first LDO
V
IN
A2
Common input for both LDOs
* Note: The pin numbering scheme for the micro SMD package was revised in April 2002 to conform to JEDEC standard. Only the pin
numbers were revised. No changes to the physical location of the inputs/outputs were made. For reference purposes, the obsolete
numbering scheme had VOUT2 as pin 1, EN2 as pin 2, BYPASS as pin 3, GND as pins 4 and 5, EN1 as pin 6, VOUT1 as pin 7, and VIN
as pin 8.
Connection Diagram
20003404
Top View
8 Bump micro SMD Package
See NS Package Number BLA08
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com