Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3986 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3986 Datasheet HTML 1Page - National Semiconductor (TI) LP3986 Datasheet HTML 2Page - National Semiconductor (TI) LP3986 Datasheet HTML 3Page - National Semiconductor (TI) LP3986 Datasheet HTML 4Page - National Semiconductor (TI) LP3986 Datasheet HTML 5Page - National Semiconductor (TI) LP3986 Datasheet HTML 6Page - National Semiconductor (TI) LP3986 Datasheet HTML 7Page - National Semiconductor (TI) LP3986 Datasheet HTML 8Page - National Semiconductor (TI) LP3986 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LP3986
Dual Micropower 150 mA Ultra Low-Dropout CMOS
Voltage Regulators in micro SMD Package
General Description
The LP3986 is a 150 mA dual low dropout regulator de-
signed for portable and wireless applications with demand-
ing performance and board space requirements.
The LP3986 is stable with a small 1 µF ±30% ceramic output
capacitor requiring smallest possible board space.
The LP3986’s performance is optimized for battery powered
systems to deliver ultra low noise, extremely low dropout
voltage and low quiescent current independent of load cur-
rent. Regulator ground current increases very slightly in
dropout, further prolonging the battery life. Optional external
bypass capacitor reduces the output noise further without
slowing down the load transient response. Fast start-up time
is achieved by utilizing a speed-up circuit that actively pre-
charges the bypass capacitor. Power supply rejection is
better than 60 dB at low frequencies and 55 dB at 10 kHz.
High power supply rejection is maintained at low input volt-
age levels common to battery operated circuits.
The LP3986 is available in a micro SMD package. Perfor-
mance is specified for a −40˚C to +125˚C temperature
range. For single LDO applications, please refer to the
LP3985 datasheet.
Features
n
Miniature 8-I/O micro SMD package
n
Stable with 1µF ceramic and high quality tantalum
output capacitors
n
Fast turn-on
n
Two independent regulators
n
Logic controlled enable
n
Over current and thermal protection
Key Specifications
n
Guaranteed 150 mA output current per regulator
n
1nA typical quiescent current when both regulators in
shutdown mode
n
60 mV typical dropout voltage at 150 mA output current
n
115 µA typical ground current
n
40 µV typical output noise
n
200 µs fast turn-on circuit
n
−40˚C to +125˚C junction temperature
Applications
n
CDMA cellular handsets
n
GSM cellular handsets
n
Portable information appliances
n
Portable battery applications
Typical Application Circuit
20003401
May 2003
© 2003 National Semiconductor Corporation
DS200034
www.national.com


Similar Part No. - LP3986

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
300mA,Ultra-low Noise LDO Regulator
logo
Texas Instruments
LP3986 TI2-LP3986 Datasheet
578Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
REVISED FEBRUARY 2013
logo
Lowpower Semiconductor ...
LP3986H POWER-LP3986H Datasheet
514Kb / 6P
600mA,Ultra-low Noise LDO Regulator
LP3986HBF POWER-LP3986HBF Datasheet
514Kb / 6P
600mA,Ultra-low Noise LDO Regulator
More results

Similar Description - LP3986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
LP3987 NSC-LP3987 Datasheet
533Kb / 17P
Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
logo
Texas Instruments
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
LP2967 TI1-LP2967 Datasheet
1Mb / 20P
Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com