Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3986 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3986 Datasheet HTML 1Page - National Semiconductor (TI) LP3986 Datasheet HTML 2Page - National Semiconductor (TI) LP3986 Datasheet HTML 3Page - National Semiconductor (TI) LP3986 Datasheet HTML 4Page - National Semiconductor (TI) LP3986 Datasheet HTML 5Page - National Semiconductor (TI) LP3986 Datasheet HTML 6Page - National Semiconductor (TI) LP3986 Datasheet HTML 7Page - National Semiconductor (TI) LP3986 Datasheet HTML 8Page - National Semiconductor (TI) LP3986 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN,VEN
−0.3 to 6.5V
V
OUT
−0.3 to (V
IN+0.3V)
≤ 6.5V
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Pad Temp. (Note 3)
235˚C
Maximum Power Dissipation
(Note 4)
364mW
ESD Rating (Note 5)
Human Body Model
Machine Model
2kV
200V
Operating Ratings (Notes 1, 2)
V
IN
2.5 to 6V
V
EN
0to(V
IN+ 0.3V)
≤ 6V
Junction Temperature
−40˚C to +125˚C
Thermal Resistance
θ
JA
220˚C/W
Maximum Power Dissipation (Note 6)
250mW
Electrical Characteristics
Unless otherwise specified: V
IN =VOUT(nom) + 0.5V, CIN = 1 µF, IOUT = 1mA, COUT = 1 µF, CBYPASS = 0.01µF. Typical values
and limits appearing in standard typeface are for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, −40˚C to +125˚C. (Note 7) (Note 8)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
∆V
OUT
Output Voltage
Tolerance
I
OUT = 1mA
−2.5
−3.0
2.5
3.0
%of
V
OUT(nom)
Line Regulation Error
(Note 9)
V
IN =(VOUT(nom) + 0.5V) to
6.0V,
I
OUT =1 mA
0.006
0.092
0.128
%/V
Load Regulation Error
(Note 10)
I
OUT = 1mA to 150 mA
0.003
0.006
0.01
%/mA
Output AC Line
Regulation
V
IN =VOUT(nom) + 1V,
I
OUT = 150 mA (Figure 1)
1.5
mV
P-P
PSRR
Power Supply Rejection
Ratio
V
IN = 3.1V,
f = 1 kHz,
I
OUT = 50mA(Figure 2)
60
dB
V
IN = 3.1V,
f = 10 kHz,
I
OUT = 50mA(Figure 2)
50
I
Q
Quiescent Current
Both Regulators ON
V
EN = 1.4V, IOUT =0 mA
115
200
µA
Both Regulators ON
V
EN = 1.4V, IOUT = 0 to 150
mA
220
320
One Regulator ON
V
EN = 1.4V IOUT =0 mA
75
130
One Regulator ON
V
EN = 1.4V IOUT = 0 to 150
mA
130
200
V
EN = 0.4V, Both Regulators
OFF (shutdown)
0.001
2
4
Dropout Voltage
(Note 11)
I
OUT =1mA
I
OUT = 150 mA
0.4
60
2
100
mV
I
SC
Short Circuit Current
Limit
Output Grounded
600
mA
I
OUT(PK)
Peak Output Current
V
OUT
≥ V
OUT(nom) - 5%
500
300
mA
T
ON
Turn-On Time
(Note 12)
C
BYPASS = 0.01 µF
200
µs
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com