Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT221XS-R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT221XS-R
Description  Future Technology Devices International Ltd.
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT221XS-R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT221XS-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
10
FT221X USB 8-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000630 Clearance No.: FTDI# 263
Pin No.
Name
Type
Description
20
MIOSI[0]
I/O
Bi-Directional data bit 0
4
MIOSI[1]
I/O
Bi-Directional data bit 1
2
MIOSI[2]
I/O
Bi-Directional data bit 2
9
MIOSI[3]
I/O
Bi-Directional data bit 3
1
MIOSI[4]
I/O
Bi-Directional data bit 4
7
MIOSI[5]
I/O
Bi-Directional data bit 5
8
MIOSI[6]
I/O
Bi-Directional data bit 6
5
MIOSI[7]
I/O
Bi-Directional data bit 7
18
CLK
Input
Clock input from FT1248 interface master
17
CS#
Input
Chip select input to enable the device interface. Active low logic.
10
MISO
Output
Master In Serial Out. Used to provide status information to the FT1248
interface master.
19
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. See CBUS Signal Options, Table 3.7.
Table 3.6 FT1248 Interface and CBUS Group (see note 1)
Notes:
1. When used in Input Mode, the input pins are pulled to VCCIO via internal 75kΩ (approx) resistors.
These pins can be programmed to gently pull low during USB suspend (PWREN# = “1”) by setting an
option in the MTP memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com