Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT221XS-R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT221XS-R
Description  Future Technology Devices International Ltd.
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT221XS-R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT221XS-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
11
FT221X USB 8-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000630 Clearance No.: FTDI# 263
3.3 CBUS Signal Options
The following options can be configured on the CBUS I/O pin. CBUS signal options are common to both
package versions of the FT221X. These options can be configured in the internal MTP memory using the
software utility FT_PROG, which can be downloaded from the FTDI Utilities (www.ftdichip.com). The
default configuration is described in Section 9.
CBUS Signal
Option
Available On CBUS Pin
Description
TRI-STATE
CBUS3
IO Pad is tri-stated
DRIVE 1
CBUS3
Output a constant 1
DRIVE 0
CBUS3
Output a constant 0
PWREN#
CBUS3
Output is low after the device has been configured by
USB, then high during USB suspend mode. This output
can be used to control power to external logic P-Channel
logic level MOSFET switch. Enable the interface pull-
down option when using the PWREN# in this way.
SLEEP#
CBUS3
Goes low during USB suspend mode. Typically used to
power down external logic.
CLK24MHz
CBUS3
24 MHz Clock output.*
CLK12MHz
CBUS3
12 MHz Clock output.*
CLK6MHz
CBUS3
6 MHz Clock output.*
GPIO
CBUS3
CBUS bit bang mode option. Allows the CBUS pin to be
used as general purpose I/O. Configured in the internal
MTP
memory. A separate application note, AN232R-01,
available from FTDI website (www.ftdichip.com)
describes in more detail how to use CBUS bit bang
mode.
BCD Charger
CBUS3
Battery charge Detect, indicates when the device is
connected to a dedicated battery charger host. Active
high output.
BCD Charger#
CBUS3
Inverse of BCD Charger
BitBang_WR#
CBUS3
Synchronous and asynchronous bit bang mode WR#
strobe output.
BitBang_RD#
CBUS3
Synchronous and asynchronous bit bang mode RD#
strobe output.
VBUS Sense
CBUS3
Input to detect when VBUS is present.
Time Stamp
CBUS3
Toggle signal which changes state each time a USB SOF
is received
Keep_Awake#
CBUS3
Prevents the device from entering suspend state when
unplugged.
Table 3.7 CBUS Configuration Control
*When in USB suspend mode the outputs clocks are also suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com