Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT221XS-R Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # FT221XS-R
Description  Future Technology Devices International Ltd.
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT221XS-R Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button FT221XS-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 19Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
15
FT221X USB 8-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000630 Clearance No.: FTDI# 263
Figure 5.2: FT1248 Command Structure
5.2 Supported Commands on the FT1248 Interface
The FT1248 interface can accept and decode up to 16 unique commands. At this time only 9 unique
commands are implemented as shown below.
Command
Identifier
Description
write
0x00
Write request command
read
0x01
Read request command
read modem status
0x02
Read modem status command, users may wish to emulate
modem status control. A RMS command returns status bits
RTS and DTR
write modem status
0x03
Write modem status command, users may wish to emulate
modem status control. A WMS command allows users to set
status bits: DCD, RI, DSR, CTS
write buffer flush
0x04
Write buffer flush request
– This command is used to indicate
to the FT1248 slave that its write buffers should be flushed
rather than wait for any latency timers to expire. If this
command is received the FT1248 block will flag the upstream
controllers (USB FIFOs etc) to flush their write buffers
regardless of what content is present in the FT1248 write
CMD[3]
BWID 2-bit BWID 4-bit
CMD[2]
BWID 8-bit
CMD[1]
CMD[0]
X
LSB
MSB
0
1
2
3
4
5
6
7
1-bit Bus
Width
CMD[3]
X
X
CMD[2]
X
CMD[1]
CMD[0]
X
0
1
2
3
4
5
6
7
2-bit Bus
Width
CMD[3]
0
X
CMD[2]
X
CMD[1]
CMD[0]
X
0
1
2
3
4
5
6
7
4-bit Bus
Width
CMD[3]
X
0
CMD[2]
X
CMD[1]
CMD[0]
X
0
1
2
3
4
5
6
7
8-bit Bus
Width
CMD[3]
X
X
CMD[2]
0
CMD[1]
CMD[0]
X
0
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com