Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT221XS-R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT221XS-R
Description  Future Technology Devices International Ltd.
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT221XS-R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT221XS-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
16
FT221X USB 8-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000630 Clearance No.: FTDI# 263
buffer
address eeprom
0x05
Address EEPROM command sets the address users wish to
write or read from
write eeprom
0x06
Write EEPROM command sets the write data to be written into
the EEPROM
read eeprom
0x07
Read EEPROM command reads
read usb status
0x08
Read USB Status:
00 = suspended, 01 = default, 10 = addressed, 11 =
configured
Reserved
0x09
– 0xF
Unused Commands
Table 5.1: FT1248 Commands
5.3 LSB or MSB Selection
The data can be sent/received Least Significant Bit First (LSB) or Most Significant Bit First (MSB). To
determine which mode is used by the FT1248 interface of the FT221X the MTP memory must be set.
This may be selected with FT_PROG.
5.4 Clock Phase/Polarity
The FT1248 slave does not need to have any knowledge of clock rate as this is supplied by the FT1248
master. However the relationship between clock and data needs to be controllable, to allow the slave to
operate in the same way as the master such that data is correctly driven and sampled on the correct
clock phases. By configuring the polarity and phase of CLK with respect to the data it is possible to match
the FT1248 master.
There are 4 possible modes which are determined by the Clock Polarity (CPOL) and Clock Phase (CPHA)
signals. The different combinations of these signals are commonly referred to as modes, see Table 5.2
below. For the FT1248 slave, only 2 of these 4 modes are supported. CPHA will always be set to 1 in the
FT1248 slave because data is available or driven on to MIOSIO wires on the first clock edge after CS# is
active and is therefore sampled on the trailing edge of the first clock pulse. When CPHA equals 0, it
means data must be available or driven onto the MIOSIO wires on the first leading edge of the clock after
CS# is active. However, during this period between CS# becoming active and the first leading clock edge
is when the MIOSIO wires are being “turned around” as when CS# is inactive the FT1248 slave is driving
the write buffer status. Supporting CPHA = 0 would result in bus contention and therefore, shall not be
supported.
Mode
CPOL
CPHA
Supported
0
0
0
NO
1
0
1
YES
2
1
0
NO
3
1
1
YES
Table 5.2: CPOL & CPHA Mode Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com