Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT221XS-R Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # FT221XS-R
Description  Future Technology Devices International Ltd.
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT221XS-R Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button FT221XS-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT221XS-R Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
14
FT221X USB 8-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000630 Clearance No.: FTDI# 263
5 FT1248 Interface Description.
The FT1248 protocol has a dynamic bi-directional data bus interface that can be configured as 1, 2, 4, or
8-bits wide providing users with the flexibility to configure the interface with performance, pin count and
PCB area in mind. For example, 1-bit mode it requires 8 clock cycles to get 8 data bits and in 8-bit mode
all 8 bits are sent with one clock.
In the FT1248 there are 3 distinct phases:
While CS# is inactive, the FT1248 reflects the status of the write buffer and read buffers within the
FT221X on the MIOSIO[0] and MISO wires respectively. The buffers are 512 Bytes each and the status
will reflect if at least one byte of space is available for the external device to write to and whether at least
one byte is available to be read by the external device.
Additionally, the FT1248 slave block supports multiple slave devices where a master can communicate
with multiple SPI slave devices. When the slave is sharing buses with other SPI slave devices, the write
and read buffer status cannot be reflected on the MIOSIO[0] and MISO wires during SS_n inactivity as
this would cause bus contention. Therefore, it is possible for the user to select whether they wish to have
the buffer status switched on or off during inactivity.
(This setting may be applied in the internal MTP memory with FT_PROG at the same time as selecting
FT1248 mode).
When CS# is active a command/bus size phase occurs first. Following the command phase is the data
phase, for each data byte transferred the FT1248 slave drives an ACK/NAK status onto the MISO wire.
The master can send multiple data bytes so long as CS# is active, if an unsuccessful data transfer occurs,
i.e. a NAK happens on the MISO wire then the master should immediately abort the transfer by de-
asserting CS#.
Figure 5.1: FT1248 Basic Waveform Protocol.
5.1 Determining the Dynamic Bus Width
The bus width is dynamic. In order for the FT221X, in FT1248 mode, to determine the bus width within
the command phase, the bus width is encoded along with the actual commands on the first active clock
edge when CS# is active and has a data width of 8-bits.
If any of the MIOSIO[7:4] signals are driven low by the external host then the data transfer width
equals 8-bits
If any of the MIOSIO[3:2] signals are driven low by the external host then the data transfer width
equals 4-bits
If MIOSIO[1] signal is driven low by the external host then the data transfer width equals 2-bits
Else the bus width is defaulted to 1-bit
In order to successfully decode the bus width, all MIOSIO signals must have pull up resistors. By default,
all MIOSIO signals shall be seen by the FT221X in FT1248 mode as logic ‘1’from the internal resistors.
This means that when a FT1248 master does not wish to use certain MIOSIO signals, the slave (FT221X)
is still capable of determining the requested bus width since any unused MIOSIO signals shall be pulled
up by default.
The remaining bits used during the command phase are used to contain the command itself which means
that it is possible to define up to 16 unique commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com