Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTL-232R-RPI Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # TTL-232R-RPI
Description  TTL-232R-RPi Debug Cable for Raspberry Pi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232R-RPI Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  TTL-232R-RPI Datasheet HTML 1Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 2Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Use of FTDI devices in life support and/or safety applications is entirely at the user’s risk, and the user agrees
to defend, indemnify and hold harmless FTDI from any and all damages, claims, suits or expense resulting
from such use.
TTL-232R-RPi
Version 1.0
Document Reference No.: FT_000722
Clearance No.: FTDI# 296
Future Technology
Devices
International Ltd
Datasheet
TTL-232R-RPi Debug
Cable for Raspberry Pi
Datasheet
The TTL-232R-RPi cable provides USB to TTL Level UART solutions and
is customised for operation with the Raspberry Pi.
1
Introduction
TTL-232R-RPi is a USB to TTL level serial UART converter cables incorporating FTDI’s FT232RQ USB to
Serial UART interface IC device which handles all the USB signalling and protocols. The TTL-232R-RPi is
designed for use with the Raspberry Pi (RPi), an ultra-low cost, Linux based miniaturised computer. The
debug cable sits on the Rx/Tx of the RPi ARM processor UART – which provides much more detail of
what’s happening within the RPi operating system. Connecting the debug cable to a PC and
communicating with the RPi via a terminal emulator on a PC gives the user access to more detailed
information from the Linux kernel during RPi start-up, which appears on the Rx/TX lines of the UART, as
well as being able to login and access the kernel itself from the PC.
1.1
Features
TTL-232R-RPi Debug cable provides a USB to
TTL Serial interface for Raspberry Pi computer.
On board FT232RQ provides single chip USB to
asynchronous serial data transfer interface.
Entire USB protocol handled by the electronics
in the cable USB.
Connect directly to a microcontroller UART or
I/O pins.
UART interface support for 7 or 8 data bits, 1 or
2 stop bits and odd / even / mark / space / no
parity.
Fully assisted or X-On / X-Off software
handshaking.
Data transfer rates from 300 baud to 3 Mbaud
at TTL levels.
Internal EEPROM with user writeable area.
5V safe TTL inputs make the TTL-232R easy to
interface to 5V MCU’s.
FTDI’s royalty-free VCP allow for communication
as a standard emulated COM port and D2XX
‘direct’ drivers provide DLL application
programming interface.
Support for FT232R FTDIChip-ID™ feature for
improved security.
3x ‘flying leads’ outputs provide TXD, RXD and
GND signals.
Low USB bandwidth consumption.
UHCI / OHCI / EHCI host controller compatible.
USB 2.0 Full Speed compatible.
-40°C to +85°C operating temperature range.
Cable length is 1.0m.
FCC and CE compliant.


Similar Part No. - TTL-232R-RPI

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
TTL-232R-3V3 FTDI-TTL-232R-3V3 Datasheet
508Kb / 8P
USB to TTL Serial Converter Cable
TTL-232R-3V3 FTDI-TTL-232R-3V3 Datasheet
508Kb / 8P
USB to TTL Serial Converter Cable
TTL-232R-3V3 FTDI-TTL-232R-3V3 Datasheet
557Kb / 26P
TTL TO USB SERIAL CONVERTER RANGE OF CABLES
TTL-232R-3V3 FTDI-TTL-232R-3V3 Datasheet
561Kb / 26P
TTL to USB Serial Converter Range of Cables
TTL-232R-3V3-2MM FTDI-TTL-232R-3V3-2MM Datasheet
557Kb / 26P
TTL TO USB SERIAL CONVERTER RANGE OF CABLES
More results

Similar Description - TTL-232R-RPI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1731 ETC2-1731 Datasheet
82Kb / 1P
Flex Cable for Raspberry Pi Camera - 24 / 610mm
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com