Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTL-232R-RPI Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # TTL-232R-RPI
Description  TTL-232R-RPi Debug Cable for Raspberry Pi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232R-RPI Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  TTL-232R-RPI Datasheet HTML 1Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 2Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Copyright © 2012 Future Technology Devices International Limited
TTL-232R-RPi
Version 1.0
Document Reference No.: FT_000722
Clearance No.: FTDI# 296
3
Operational Descriptions
TTL-232R-RPi is a USB-to-TTL Serial UART debug cable. It is designed to be used with the Raspberry Pi
(RPi) Linux-based computer. This cable provides a fast, simple way for a PC to interface with an RPi, to
carry out program analysis and debugging.
This cable is electrically configured to process and drive +3.3 V logic level UART signals. The USB side of
the cable is USB powered and USB 2.0 Full Speed compatible, supporting data transfer rates up to 3
Mbaud. Spanning 1.0m in length, the TTL-232R-RPi debug cable connects directly to the serial port on
the RPi board. The RPi’s serial port can output kernel debug messages even if it has not been completely
booted.
The following serial communication parameters should be used to access the serial/debugger port on
Raspberry Pi board:
* Speed:
115200 baud
* Bits:
8
* Parity:
None
* Stop Bits:
1
* Flow Control: None
For more information about the Raspberry Pi Computer refer to the Raspberry Pi Foundation web site:
http://www.raspberrypi.org/
4
Functional Descriptions
4.1
TTL-232R-RPi Wire Configuration
The following Figure 4-1 shows the cable signals and the wire colours for these signals on the TTL-232R-
RPi generic cables.
4
CABLE 1.0m
1
2
3
3x single pole
0.1in pitch header
BLACK
ORANGE
YELLOW
Figure 4-1 – TTL-232R-RPi Debug cable Pin Out
2.54mm
+/-0.05
2.60mm
+/-0.05
14.0mm
+/-0.2
Figure 4-2 – TTL-232R-RPi Debug cable, Single Pole Header Mechanical Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com