Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTL-232R-RPI Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # TTL-232R-RPI
Description  TTL-232R-RPi Debug Cable for Raspberry Pi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232R-RPI Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  TTL-232R-RPI Datasheet HTML 1Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 2Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Copyright © 2012 Future Technology Devices International Limited
TTL-232R-RPi
Version 1.0
Document Reference No.: FT_000722
Clearance No.: FTDI# 296
2
Driver Support
Royalty-Free VIRTUAL COM PORT (VCP)
DRIVERS for:
Windows 7 32,64-bit
Windows Vista
Windows XP 32,64-bit
Windows XP Embedded
Windows CE.NET 4.2 , 5.0 and 6.0
MAC OS OS-X
Linux 2.6.32 or later
ARM Linux
Android
Royalty-Free D2XX Direct Drivers (USB Drivers +
DLL S/W Interface):
Windows 7 32,64-bit
Windows Vista
Windows XP 32,64-bit
Windows XP Embedded
Windows CE.NET 4.2, 5.0 and 6.0
MAC OS OS-X
Linux 2.6.32 or later
ARM Linux
Android
The drivers listed above are all available to download for free from www.ftdichip.com. Various 3rd Party
Drivers are also available for various other operating systems - visit www.ftdichip.com for details.
For driver installation instructions please see:
http://www.ftdichip.com/Support/Documents/InstallGuides.htm.
2.1
Driver Operation Examples
The TTL-232R-RPi debug cables require USB drivers, available free from http://www.ftdichip.com, which
are used to make the FT232R in the cable appear as a virtual COM port (VCP). This then allows the user
to communicate with the USB interface via a standard PC serial emulation port (for example TTY).
Another FTDI USB driver, the D2XX driver, can also be used with application software to directly access
the FT232R on the cable though a DLL. This is illustrated in the Figure 2-1.
TTY
USB
TTL-232R-Rpi
Debug Cable
Virtual COM Port
Software application access to USB via D2XX
USB
TTY
3x 0.1" Single Pole Connectors
3x 0.1" Single Pole Connectors
Figure 2-1 – Using the TTL-232R-RPi Generic Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com