Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTL-232R-RPI Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # TTL-232R-RPI
Description  TTL-232R-RPi Debug Cable for Raspberry Pi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232R-RPI Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button TTL-232R-RPI Datasheet HTML 2Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 9Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Copyright © 2012 Future Technology Devices International Limited
TTL-232R-RPi
Version 1.0
Document Reference No.: FT_000722
Clearance No.: FTDI# 296
4.2
TTL-232R-RPi Debug cable Signal Descriptions
Header Pin
Number
Name
Type
Colour
Description
1
GND
GND
Black
Device ground supply pin. Connect to ground pin on RPi
board
2
TXD
Output
Orange
Transmit Asynchronous Data output. Connect to RXD input
on RPi board
3
RXD
Input
Yellow
Receive Asynchronous Data input. Connect to TXD output
on RPi board
Table 4-1 – TTL-232R-RPi Debug cable Signal Descriptions
4.3
TTL-232R-RPi Debug cable Electrical Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC
Power Input Voltage
4.25
5.0
5.25
V
Dependant on the USB
port that the TTL-232R-
RPi Debug cable is
connected to
IO
Power Input Current
-
-
15
mA
Less than 70uA during
suspend.
T
Operating Temperature
Range
-40
-
+85
oC
Table 4-2 – TTL-232R-RPi Debug cable Operating Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.2
2.8
3.2
V
I source = 3mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 8mA
Vin
Input Switching Threshold
1.0
1.2
1.5
V
Vhys
Input Switching Hysteresis
20
25
30
mV
Table 4-3 – TTL-232R- RPi Debug cable I/O Pin Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com