Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTL-232R-RPI Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # TTL-232R-RPI
Description  TTL-232R-RPi Debug Cable for Raspberry Pi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232R-RPI Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  TTL-232R-RPI Datasheet HTML 1Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 2Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-232R-RPI Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Copyright © 2012 Future Technology Devices International Limited
TTL-232R-RPi
Version 1.0
Document Reference No.: FT_000722
Clearance No.: FTDI# 296
1.2
Ordering Information
Part Number
Description
TTL-232R-RPi
USB to UART, 3.3V TTL logic level, Raspberry Pi compatible flying leads
Table 1-1 – USB-RS232 Adapter Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com