Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF10 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF10
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF10 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MF10 Datasheet HTML 1Page - National Semiconductor (TI) MF10 Datasheet HTML 2Page - National Semiconductor (TI) MF10 Datasheet HTML 3Page - National Semiconductor (TI) MF10 Datasheet HTML 4Page - National Semiconductor (TI) MF10 Datasheet HTML 5Page - National Semiconductor (TI) MF10 Datasheet HTML 6Page - National Semiconductor (TI) MF10 Datasheet HTML 7Page - National Semiconductor (TI) MF10 Datasheet HTML 8Page - National Semiconductor (TI) MF10 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Characteristics (Continued) Va ea500V and Vb eb500V unless otherwise specified
Boldface limits apply for TMIN to TMAX all other limits TA e TJ e 25 C
MF10ACN MF10CCN
MF10CCJ MF10AJ
MF10ACWM MF10CCWM
Symbol
Parameter
Conditions
Typical
Tested
Design
Typical
Tested
Design Units
(Note 8)
Limit
Limit
(Note 8)
Limit
Limit
(Note 9) (Note 10)
(Note 9) (Note 10)
VOUT
Minimum Output
BP LP Pins
RL e 5k
g
425
g
38
g
38
g
425
g
38
V
Voltage Swing
NAPHP Pin RL e 35k
g
425
g
38
g
38
g
425
g
36
V
GBW
Op Amp Gain BW Product
25
25
MHz
SR
Op Amp Slew Rate
7
7
V ms
Dynamic Range
Vpin12 ea5V
83
83
dB
(Note 6)
(fCLK fO e 50)
Vpin12 e 0V
80
80
dB
(fCLK fO e 100)
ISC
Maximum Output Short Source
20
20
mA
Circuit Current (Note 7) Sink
30
30
mA
Logic Input Characteristics Boldface limits apply for T
MIN to TMAX all other limits T
A
e
TJ e 25 C
MF10ACN MF10CCN
MF10CCJ MF10AJ
MF10ACWM MF10CCWM
Parameter
Conditions
Typical
Tested
Design
Typical
Tested
Design
Units
(Note 8)
Limit
Limit
(Note 8)
Limit
Limit
(Note 9) (Note 10)
(Note 9) (Note 10)
CMOS Clock
Min Logical ‘‘1’’
Va ea5V Vb eb5V
a
30
a
30
a
30
V
Input Voltage
Max Logical ‘‘0’’
VLSh e 0V
b
30
b
30
b
30
V
Min Logical ‘‘1’’
Va ea10V Vb e 0V
a
80
a
80
a
80
V
Max Logical ‘‘0’’
VLSh ea5V
a
20
a
20
a
20
V
TTL Clock
Min Logical ‘‘1’’
Va ea5V Vb eb5V
a
20
a
20
a
20
V
Input Voltage
Max Logical ‘‘0’’
VLSh e 0V
a
08
a
08
a
08
V
Min Logical ‘‘1’’
Va ea10V Vb e 0V
a
20
a
20
a
20
V
Max Logical ‘‘0’’
VLSh
a
08
a
08
a
08
V
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions
Note 2
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN k Vb or VIN l Va) the absolute value of current at that pin should be limited
to 5 mA or less The 20 mA package input current limits the number of pins that can exceed the power supply boundaries witha5mA current limit to four
Note 3
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX iJA and the ambient temperature TA The maximum
allowable power dissipation at any temperature is PD e (TJMAX b TA) iJA or the number given in the Absolute Maximum Ratings whichever is lower For this
device TJMAX e 125 C and the typical junction-to-ambient thermal resistance of the MF10ACNCCN when board mounted is 55 CW For the MF10AJCCJ this
number increases to 95 CW and for the MF10ACWMCCWM this number is 66 CW
Note 4
The accuracy of the Q value is a function of the center frequency (fO) This is illustrated in the curves under the heading ‘‘Typical Performance
Characteristics’’
Note 5
VOS1 VOS2 and VOS3 refer to the internal offsets as discussed in the Applications Information Section 34
Note 6
For g5V supplies the dynamic range is referenced to 282V rms (4V peak) where the wideband noise over a 20 kHz bandwidth is typically 200 mV rms for
the MF10 with a 501 CLK ratio and 280 mV rms for the MF10 with a 1001 CLK ratio
Note 7
The short circuit source current is measured by forcing the output that is being tested to its maximum positive voltage swing and then shorting that output to
the negative supply The short circuit sink current is measured by forcing the output that is being tested to its maximum negative voltage swing and then shorting
that output to the positive supply These are the worst case conditions
Note 8
Typicals are at 25 C and represent most likely parametric norm
Note 9
Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 10
Design limits are guaranteed but not 100% tested These limits are not used to calculate outgoing quality levels
Note 11
Human body model 100 pF discharged through a 15 kX resistor
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com