Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF10 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF10
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF10 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button MF10 Datasheet HTML 12Page - National Semiconductor (TI) MF10 Datasheet HTML 13Page - National Semiconductor (TI) MF10 Datasheet HTML 14Page - National Semiconductor (TI) MF10 Datasheet HTML 15Page - National Semiconductor (TI) MF10 Datasheet HTML 16Page - National Semiconductor (TI) MF10 Datasheet HTML 17Page - National Semiconductor (TI) MF10 Datasheet HTML 18Page - National Semiconductor (TI) MF10 Datasheet HTML 19Page - National Semiconductor (TI) MF10 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
30 Applications Information (Continued)
For most applications the outputs are AC coupled and DC
offsets are not bothersome unless large signals are applied
to the filter input However larger offset voltages will cause
clipping to occur at lower AC signal levels and clipping at
any of the outputs will cause gain nonlinearities and will
change fO and Q When operating in Mode 3 offsets can
become excessively large if R2 and R4 are used to make
fCLK fO significantly higher than the nominal value espe-
cially if Q is also high An extreme example is a bandpass
filter having unity gain aQof20 and fCLK fO e 250 with
pin 12 tied to ground (1001 nominal) R4R2 will therefore
be equal to 625 and the offset voltage at the lowpass out-
put will be about a1V Where necessary the offset voltage
can be adjusted by using the circuit of
Figure 20 This allows
adjustment of VOS1 which will have varying effects on the
different outputs as described in the above equations Some
outputs cannot be adjusted this way in some modes how-
ever (VOS(BP) in modes 1a and 3 for example)
35 SAMPLED DATA SYSTEM CONSIDERATIONS
The MF10 is a sampled data filter and as such differs in
many ways from conventional continuous-time filters An im-
portant characteristic of sampled-data systems is their ef-
fect on signals at frequencies greater than one-half the
sampling frequency (The MF10’s sampling frequency is the
same as its clock frequency) If a signal with a frequency
greater than one-half the sampling frequency is applied to
the input of a sampled data system it will be ‘‘reflected’’ to
a frequency less than one-half the sampling frequency
Thus an input signal whose frequency is fs 2 a 100 Hz will
cause the system to respond as though the input frequency
was fs 2 b 100 Hz This phenomenon is known as ‘‘alias-
ing’’ and can be reduced or eliminated by limiting the input
signal spectrum to less than fs 2 This may in some cases
require the use of a bandwidth-limiting filter ahead of the
MF10 to limit the input spectrum However since the clock
frequency is much higher than the center frequency this will
often not be necessary
Another characteristic of sampled-data circuits is that the
output signal changes amplitude once every sampling peri-
od resulting in ‘‘steps’’ in the output voltage which occur at
the clock rate
(Figure 21)
If necessary these can be
‘‘smoothed’’ with a simple R – C low-pass filter at the MF10
output
The ratio of fCLK to fC (normally either 501 or 1001) will
also affect performance A ratio of 1001 will reduce any
aliasing problems and is usually recommended for wide-
band input signals In noise sensitive applications however
a ratio of 501 may be better as it will result in 3 dB lower
output noise The 501 ratio also results in lower DC offset
voltages as discussed in Section 34
The accuracy of the fCLK fO ratio is dependent on the value
of Q This is illustrated in the curves under the heading
‘‘Typical Performance Characteristics’’ As Q is changed
the true value of the ratio changes as well Unless the Q is
low the error in fCLK fO will be small If the error is too large
for a specific application use a mode that allows adjustment
of the ratio with external resistors
It should also be noted that the product of Q and fO should
be limited to 300 kHz when fO k 5 kHz and to 200 kHz for
fO l 5 kHz
TLH10399 – 32
FIGURE 21 The Sampled-Data Output Waveform
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com