Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF10 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF10
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF10 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button MF10 Datasheet HTML 5Page - National Semiconductor (TI) MF10 Datasheet HTML 6Page - National Semiconductor (TI) MF10 Datasheet HTML 7Page - National Semiconductor (TI) MF10 Datasheet HTML 8Page - National Semiconductor (TI) MF10 Datasheet HTML 9Page - National Semiconductor (TI) MF10 Datasheet HTML 10Page - National Semiconductor (TI) MF10 Datasheet HTML 11Page - National Semiconductor (TI) MF10 Datasheet HTML 12Page - National Semiconductor (TI) MF10 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
20 Modes of Operation
The MF10 is a switched capacitor (sampled data) filter To
fully describe its transfer functions a time domain approach
is appropriate Since this is cumbersome and since the
MF10 closely approximates continuous filters the following
discussion is based on the well know frequency domain
Each MF10 can produce a full 2nd order function See Ta-
ble I for a summary of the characteristics of the various
modes
MODE 1 Notch 1 Bandpass Lowpass Outputs
fnotch e fO (See Figure 7 )
fO
e
center frequency of the complex pole pair
e
fCLK
100
or
fCLK
50
fnotch e center frequency of the imaginary zero pair e fO
HOLP e Lowpass gain (as f
x 0) eb
R2
R1
HOBP e Bandpass gain (at f e fO) eb
R3
R1
HON e Notch output gain as
f
x 0
f
x fCLK 2
( e bR2
R1
Q
e
fO
BW
e
R3
R2
e
quality factor of the complex pole pair
BW
e
the b3 dB bandwidth of the bandpass output
Circuit dynamics
HOLP e
HOBP
Q
or HOBP e HOLP c Q
e
HON c Q
HOLP(peak) j Q c HOLP (for high Q’s)
MODE 1a Non-Inverting BP LP (See
Figure 8 )
fO
e
fCLK
100
or
fCLK
50
Q
e
R3
R2
HOLP eb1 HOLP(peak) j Q c HOLP (for high Q’s)
HOBP1eb
R3
R2
HOBP2e 1 (Non-Inverting)
Circuit Dynamics HOBP1 e Q
Note
VIN should be driven from a low impedance (k1kX) source
TLH10399 – 16
FIGURE 7 MODE 1
TLH10399 – 17
FIGURE 8 MODE 1a
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com