Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF10 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF10
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF10 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button MF10 Datasheet HTML 7Page - National Semiconductor (TI) MF10 Datasheet HTML 8Page - National Semiconductor (TI) MF10 Datasheet HTML 9Page - National Semiconductor (TI) MF10 Datasheet HTML 10Page - National Semiconductor (TI) MF10 Datasheet HTML 11Page - National Semiconductor (TI) MF10 Datasheet HTML 12Page - National Semiconductor (TI) MF10 Datasheet HTML 13Page - National Semiconductor (TI) MF10 Datasheet HTML 14Page - National Semiconductor (TI) MF10 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
20 Modes of Operation (Continued)
MODE 3a HP BP LP and Notch with External Op Amp
(See
Figure 11 )
fO
e
fCLK
100
c
0R2R4 or fCLK50c0R2R4
Q
e
0R2R4cR3R2
HOHP eb
R2
R1
HOBP eb
R3
R1
HOLP eb
R4
R1
fn
e
notch frequency e
fCLK
100
0RhR
I
or
fCLK
50
0RhR
I
HON e gain of notch at
f e fO e Q
RgR
I
HOLP b
Rg
Rh
HOHP
J
Hn1 e gain of notch (as f
x 0) e
Rg
RI
c
HOLP
Hn2 e gain of notch
asfx fCLK2J
eb
Rg
Rh
c
HOHP
MODE 4 Allpass Bandpass Lowpass Outputs
(See
Figure 12 )
fO
e
center frequency
e
fCLK
100
or
fCLK
50
fz e center frequency of the complex zero
fO
Q
e
fO
BW
e
R3
R2
QZ e quality factor of complex zero pair e
R3
R1
For AP output make R1 e R2
HOAP e Allpass gain
at0kfkfCLK2J ebR2R1eb1
HOLP e Lowpass gain (as f
x 0)
eb
R2R1a1J eb2
HOBP e Bandpass gain (at f e fO)
eb
R3
R2
1aR2R1J eb2 R3R2J
Circuit Dynamics HOBP e (HOLP) c Q e (HOAP a 1)Q
Due to the sampled data nature of the filter a slight mismatch of fz and fO
occurs causing a 04 dB peaking around fO of the allpass filter amplitude
response (which theoretically should be a straight line) If this is unaccept-
able Mode 5 is recommended
TLH10399 – 20
FIGURE 11 MODE 3a
TLH10399 – 21
FIGURE 12 MODE 4
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com