Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF10 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF10
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF10 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MF10 Datasheet HTML 1Page - National Semiconductor (TI) MF10 Datasheet HTML 2Page - National Semiconductor (TI) MF10 Datasheet HTML 3Page - National Semiconductor (TI) MF10 Datasheet HTML 4Page - National Semiconductor (TI) MF10 Datasheet HTML 5Page - National Semiconductor (TI) MF10 Datasheet HTML 6Page - National Semiconductor (TI) MF10 Datasheet HTML 7Page - National Semiconductor (TI) MF10 Datasheet HTML 8Page - National Semiconductor (TI) MF10 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLH10399
December 1994
MF10
Universal Monolithic Dual
Switched Capacitor Filter
General Description
The MF10 consists of 2 independent and extremely easy to
use general purpose CMOS active filter building blocks
Each block together with an external clock and 3 to 4 resis-
tors can produce various 2nd order functions Each building
block has 3 output pins One of the outputs can be config-
ured to perform either an allpass highpass or a notch func-
tion the remaining 2 output pins perform lowpass and band-
pass functions The center frequency of the lowpass and
bandpass 2nd order functions can be either directly depen-
dent on the clock frequency or they can depend on both
clock frequency and external resistor ratios The center fre-
quency of the notch and allpass functions is directly depen-
dent on the clock frequency while the highpass center fre-
quency depends on both resistor ratio and clock Up to 4th
order functions can be performed by cascading the two 2nd
order building blocks of the MF10 higher than 4th order
functions can be obtained by cascading MF10 packages
Any of the classical filter configurations (such as Butter-
worth Bessel Cauer and Chebyshev) can be formed
For pin-compatible device with improved performance refer
to LMF100 datasheet
Features
Y
Easy to use
Y
Clock to center frequency ratio accuracy g06%
Y
Filter cutoff frequency stability directly dependent on
external clock quality
Y
Low sensitivity to external component variation
Y
Separate highpass (or notch or allpass) bandpass low-
pass outputs
Y
fO c Q range up to 200 kHz
Y
Operation up to 30 kHz
Y
20-pin 03
wide Dual-In-Line package
Y
20-pin Surface Mount (SO) wide-body package
System Block Diagram
TLH10399 – 1
Connection Diagram
Surface Mount and Dual-In-Line
Package
TLH10399 – 4
Top View
Order Number MF10AJ or MF10CCJ
See NS Package Number J20A
Order Number MF10ACWM or
MF10CCWM
See NS Package Number M20B
Order Number MF10ACN or
MF10CCN
See NS Package Number N20A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MF10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Texas Instruments
MF10 TI1-MF10 Datasheet
770Kb / 30P
Universal Monolithic Dual Switched Capacitor Filter
logo
CINCON ELECTRONICS Corp...
MF10-20D075P CINCON-MF10-20D075P Datasheet
1Mb / 10P
MIL-STD-461 EMI INPUT FILTER
logo
Texas Instruments
MF10-N TI1-MF10-N Datasheet
1Mb / 36P
MF10-N Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI1-MF10-N Datasheet
2Mb / 36P
Universal Monolithic Dual Switched Capacitor Filter
More results

Similar Description - MF10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
logo
National Semiconductor ...
MF5CN NSC-MF5CN Datasheet
293Kb / 16P
MF5 Universal Monolithic Switched Capacitor Filter
logo
Linear Technology
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490_09 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
Universal Monolithic Switched Capacitor Filter
MF10 TI1-MF10 Datasheet
770Kb / 30P
Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
MF10-N Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
MF10-N Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
Universal Monolithic Dual Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com