Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7754EB Datasheet(PDF) 39 Page - Analog Devices

Part # EVAL-ADE7754EB
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7754EB Datasheet(HTML) 39 Page - Analog Devices

Back Button EVAL-ADE7754EB Datasheet HTML 35Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 36Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 37Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 38Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 39Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 40Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 41Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 42Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 39 –
Gain Register (18h)
The Gain of the analog inputs and the mode of accumulation of the active energies in the ADE7754 are defined by writing
to the GAIN register. Table X below summarizes the functionality of each bit in the GAIN register .
Table X GAIN Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-1
PGA1
0
These bits are used to select the Gain of the current channels inputs.
bit 1
bit 0
0
0
PGA1=1
0
1
PGA1=2
1
0
PGA1=4
0
0
Reserved
2
ABS
0
The sum of the absolute active energies is done in the ANERGY and LAENERGY
registers when this bit is set to logic one. The regular sum is done when this bit is set to
logic zero - default mode.
3
NOLOAD
0
The active energy of each phase is not accumulated in the total active energy registers if
the instantaneous active power is lower than the no-load threshold when this bit is set to
logic zero, this mode is selected by default.
4
RESERVED -
This is intended for factory testing only and should be left at zero.
5-6
PGA2
0
These bits are used to select the Gain of the voltage channels inputs.
bit 6
bit 5
0
0
PGA2=1
0
1
PGA2=2
1
0
PGA2=4
0
0
Reserved
7
RESERVED -
This is intended for factory testing only and should be left at zero.
CFNUM Register (25h)
The CF scaling numerator and the sign of the active energy per phase are defined by writing/reading to the CFNUM register.
Table XI below summarizes the functionality of each bit in the CFNUM register .
Table XI CFNUM Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-Bh
C F N
0
CF Scaling Numerator register. The content of this register is used in the numerator of
CF output scaling.
Ch
NEGA
0
The sign of the phase A instantaneous active power is available in this bit. Logic zero and
Logic one correspond to Positive and negative active power respectively. The functionality
of this bit is enabled by setting bit 5 of the WATMode register to logic one. When disabled
NEGA is equal to its default value.
Dh
NEGB
0
The sign of the phase B instantaneous active power is available in this bit. Logic zero and
Logic one correspond to Positive and negative active power respectively. The functionality
of this bit is enabled by setting bit 4 of the WATMode register to logic one. When disabled
NEGB is equal to its default value.
Eh
NEGC
0
The sign of the phase C instantaneous active power is available in this bit. Logic zero and
Logic one correspond to Positive and negative active power respectively. The functionality
of this bit is enabled by setting bit 3 of the WATMode register to logic one. When disabled
NEGC is equal to its default value.
F h
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com