Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7754EB Datasheet(PDF) 40 Page - Analog Devices

Part # EVAL-ADE7754EB
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7754EB Datasheet(HTML) 40 Page - Analog Devices

Back Button EVAL-ADE7754EB Datasheet HTML 36Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 37Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 38Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 39Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 40Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 41Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 42Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 43Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 40 –
Measurement Mode Register (0Bh)
The configuration of the period and Peak
measurements made by the ADE7754 are defined by writing to the MMODE
register. Table XII below summarizes the functionality of each bit in the MMODE register .
Table XII MMODE Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-1
PERDSEL
0
These bits are used to select the source of the measurement of the voltage line period.
bit 1
bit 0
Source
0
0
Phase A
0
1
Phase B
1
0
Phase C
1
1
Reserved
2-3
PEAKSEL
0
These bits select the line voltage and current phase used for the PEAK detection. If the
selected line voltage is above the level defined in the PKVLVL register, the PKV flag in
the Interrupt Status register is set. If the selected current input is above the level defined
in the PKILVL register, the PKI flag in the Interrupt Status register is set.
bit 3
bit 2
Source
0
0
Phase A
0
1
Phase B
1
0
Phase C
1
1
Reserved
4-6
ZXSEL
7
These bits select the phases used for counting the number of zero crossing in the Line
Active and Apparent accumulation modes as well as enabling these phases for the Zero-
Crossing Time out detection, Zero-crossing, Period measurement and SAG detection. bit
4, 5 and 6 select Phase A, Phase B and Phase C respectively.
7
Reserved
Waveform Mode Register (0Ch)
The Waveform sampling mode of the ADE7754 is defined by
writing to the WAVMODE register. Table XIII below
summarizes the functionality of each bit in the WAVMODE register .
Table XIII WAVMODE Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-2
WAVSEL
0
These bits are used to select the source of the Waveform sample
bit 2
bit 1
bit 0
Source
0
0
0
Voltage Phase A
0
0
1
Voltage Phase B
0
1
0
Voltage Phase C
0
1
1
Current Phase A
1
0
0
Current Phase B
1
0
1
Current Phase C
1
1
0 or 1
Reserved
3-4
DTRT
0
These bits are used to select the Waveform sampling update rate
bit 4
bit 3
Update rate
0
0
26.0ksps (CLKIN/3/128)
0
1
13.0ksps (CLKIN/3/256)
1
0
6.5ksps (CLKIN/3/512)
1
1
3.3ksps (CLKIN/3/1024)
5
LVARSEL
0
This bit is used to enable the accumulation of the Line VAR energy into the LAENERGY
register and of the Line Active Energy into the LVAENERGY register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com