Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7754EB Datasheet(PDF) 27 Page - Analog Devices

Part # EVAL-ADE7754EB
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7754EB Datasheet(HTML) 27 Page - Analog Devices

Back Button EVAL-ADE7754EB Datasheet HTML 23Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 24Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 25Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 26Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 27Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 28Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 29Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 30Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 27 –
00000h
D1B71h
+ 100% FS
- 100% FS
F2E48Fh
+ 150% FS
+ 50% FS
- 50% FS
- 150% FS
13A929h
68DB9h
F97247h
EC56D7h
AVAGAIN[11:0]
000h 7FFh 800h
Apparent Power
Voltage channel and Current channel 0.5V / GAIN
Figure 33 - Apparent Power Calculation Output range
Apparent Power Offset Calibration
Each RMS measurement includes an offset compensation
register to calibrate and eliminate the DC component in the
RMS value -see Current RMS calculation and Voltage RMS
calculation. The Voltage and Current RMS values are then
multiplied together in the Apparent Power signal processing.
As no additional offsets are created in the multiplication of
the RMS values, there is no specific offset compensation in
the Apparent Power signal processing. The offset compensa-
tion of the Apparent Power measurement in each phase is
done by calibrating each individual RMS measurements.
TOTAL APPARENT POWER CALCULATION
The sum of the Apparent powers coming from each phase
gives the total Apparent Power consumption. Different com-
binations of the three phases can be selected in the sum by
setting bits 7-6 of the VAMode register (mnemonic
VAMOD[1:0]). Figure 34 demonstrates the calculation of
the total apparent power.
I
A
V
A
PHASE A*
Total Apparent
Power Signal
PHASE B*
PHASE C*
RMS
24
AAPGAIN
AVAGAIN
RMS
AVGAIN
I
B
V
B
RMS
24
BAPGAIN
BVAGAIN
RMS
BVGAIN
I
C
V
C
RMS
24
CAPGAIN
CVAGAIN
RMS
CVGAIN
S
+
+
2
V
Arms
V
Crms
V
Arms
V
Crms
Figure 34-Total Apparent Power calculation
APPARENT POWER CALCULATION
Apparent power is defined as the maximum active power that
can be delivered to a load. As Vrms and Irms are the effective
voltage and current delivered to the load, the Apparent Power
(AP) is defined as Vrms x Irms.
Note that the Apparent power is equal to the multiplication
of the RMS values of the voltage and current inputs. For a
poly-phase system, the RMS values of the current and voltage
inputs of each phase (A, B and C) are multiplied together to
obtain the apparent power information of each phase. The
total apparent power is the sum of the apparent powers of all
the phases. The different solutions available to process the
total apparent power are discussed in the following para-
graph.
Figure 32 illustrates graphically the signal processing in each
phase for the calculation of the Apparent Power in the
ADE7754.
24
0.5V / GAIN2
24
0.5V / GAIN1
Current RMS Signal - i(t)
Voltage RMS Signal - v(t)
MULTIPLIER
Apparent Power
Signal - P
Irms
Vrms
00h
00h
D1B71h
AVAG
12
24
1CF68Ch
1CF68Ch
Figure 32 - Apparent Power Signal Processing
The Apparent Power is calculated with the Current and
Voltage RMS values obtained in the RMS blocks of the
ADE7754. Shown in Figure 33 is the maximum code
(Hexadecimal) output range of the Apparent Power signal for
each phase. Note that the output range changes depending on
the contents of the Apparent Power Gain registers but also on
the contents of the Active Power Gain and Voltage Gain
registers – see Current RMS calculation and Voltage RMS
calculation. Only the effect of the Apparent Power Gain is
shown on Figure 33. The minimum output range is given
when the Apparent Power Gain register content is equal to
800h and the maximum range is given by writing 7FFh to the
Apparent Power Gain register. This can be used to calibrate
the Apparent Power (or Energy) calculation in the ADE7754
for each phase and also the Total Apparent Energy -see Total
Apparent Power calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com