Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7754EB Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-ADE7754EB
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7754EB Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-ADE7754EB Datasheet HTML 17Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 18Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 19Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 20Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 21Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 22Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 23Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 24Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 21 –
Reverse Power Information
The ADE7754 detects when the current and voltage channels
of any of the three phase inputs have a phase difference greater
than 90° i.e.
|Φ
A| or
|Φ
B| or
|Φ
C| > 90°. This mechanism can
detect wrong connection of the meter or generation of Active
Energy.
The Reverse power information is available for Phase A - B
and C respectively by reading bit12-14 of the CFNUM
register - see Table XI. The state of these bits represent the
sign of the active power of the corresponding phase. Logic
one corresponds to negative active power.
The AENERGY phase selection bits (WATSEL bits of the
WATMode register) enable the negative power detection per
phase. If Phase A is enabled in the AENERGY accumulation
-bit 5 of WATMode register sets to logic one- the negative
power detection for Phase A -bit 12 of CFNUM register-
indicates the direction of the active energy. If Phase A is
disabled in the AENERGY register, the negative power bit
for Phase A is set to logic zero.
TOTAL ACTIVE POWER CALCULATION
The sum of the active powers coming from each phase gives
the total active Power consumption. Different combinations
of the three phases can be selected in the sum by setting bits
7-6 of the WATMode register (mnemonic WATMOD[1:0]).
Figure 24 demonstrates the calculation of the total active
power.
The total active power calculated by the ADE7754 depends
on the configuration of the WATMOD bits in the WATMode
register. Each term of the formula can be disabled or enabled
by setting WATSEL bits respectively to logic 0 or logic 1 in
the WATMode register. The different configurations are
described in Table I.
WATMOD
WATSEL0
WATSEL1
WATSEL2
0d
VA x IA
*
+ VB x IB
*
+ VC x IC
*
1d
VA x (IA
*-I
B
*)+ 0
+ VC x (IC
*-I
B
*)
2d
VA x (IA
*-I
B
*)+ 0
+ VC x IC
*
Table I -Total Active Power calculation
Note: IA
*, I
B
* and I
C
* represent the current channels samples
after APGAIN correction and High-Pass Filtering.
For example, for WATMOD = 1, when all the gains and
offsets corrections are taken into consideration, the exact
formula that is used to process the Active Power is:
Total Active Power
V
AAPGAIN
I
BAPGAIN
AA
=
⋅+


⋅−
+

1
2
1
2
12
12

⋅


+


⋅+


+⋅
+

I
AAPOS
AWG
V
CAPGAIN
B
C
1
2
1
2
12
12


⋅−
+


⋅


+


⋅+
I
BAPGAIN
ICAPOS
CWG
CB
1
2
1
2
12
12


Depending on the polyphase meter service, the appropriate
formula should be chosen to calculate the Active power. The
American ANSI C12.10 standard defines the different con-
figurations of the meter. Table II describes which mode
should be chosen in these different configurations.
ANSI Meter Form
WATMOD
WATSEL
5S/13S
3-wire Delta
0
3 or 5 or 6
6S/14S
4-wire Wye
1
5
8S/15S
4-wire Delta
2
5
9S/16S
4-wire Wye
0
7
Table II - Meter form configuration
Different gain calibration parameters are offered in the
ADE7754 to cover the calibration of the meter in different
configurations. It should be noticed that in Mode 0, APGAIN
and WGAIN registers have the same effect on the end result.
In this case, APGAIN registers should be set at their default
value and the gain adjustment should be done with the
WGAIN registers.
I
A
V
A
PHASE A*
1
28
LPF2
HPF
BAPGAIN
BWGAIN
I
B
*
Total Instantaneous
Power Signal
Active Power
Signal - P
2752545h
I
B
V
B
PHASE B*
1
HPF
28
LPF2
CAPGAIN
CWGAIN
S
+
-
0
I
B
*
I
C
V
C
PHASE C*
1
HPF
28
LPF2
AAPGAIN
AWGAIN
S
+
-
0
I
B
*
S
+
AAPOS
S
+
BAPOS
S
+
CAPOS
Figure 24 –Total Active Power Consumption Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com