Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7754EB Datasheet(PDF) 22 Page - Analog Devices

Part # EVAL-ADE7754EB
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7754EB Datasheet(HTML) 22 Page - Analog Devices

Back Button EVAL-ADE7754EB Datasheet HTML 18Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 19Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 20Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 21Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 22Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 23Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 24Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 25Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 22 –
ENERGY CALCULATION
As stated earlier, power is defined as the rate of energy flow.
This relationship can be expressed mathematically as
Equation 7.
P=
dE
dt
(7)
Where P = Power and E = Energy.
Conversely Energy is given as the integral of Power.
E= Pdt
∫
(8)
The ADE7754 achieves the integration of the Active Power
signal by continuously accumulating the Active Power signal
in an internal non-readable 54-bit Energy register. The
Active Energy register (AENERGY[23:0]) represents the
upper 24 bits of this internal register. This discrete time
accumulation or summation is equivalent to integration in
continuous time. Equation 9 below expresses the relationship
E=
dt
Lim
p(t)
T0
n0
∫
∑
=×
→
=
∞
pnT
T
()
(9)
Where n is the discrete time sample number and T is the
sample period.
The discrete time sample period (T) for the accumulation
register in the ADE7754 is 0.4µs (4/10MHz). As well as
calculating the Energy, this integration removes any sinusoi-
dal component which may be in the Active Power signal.
Figure 26 shows a graphical representation of this discrete
time integration or accumulation. The Active Power signal
is continuously added to the internal Energy register. This
addition is a signed addition, therefore negative energy will
be subtracted from the Active Energy contents.
53
0
+
+
Σ
TOTAL ACTIVE POWER
00000h
26667h
time (nT)
T
TOTAL ACTIVE POWER ARE
ACCUMULATED (INTEGRATED) IN
THE ACTIVE ENERGY REGISTER
Active Power
Signal - P
T
53
0
AENERGY[23:0]
WDIV
23
0
Figure 25 –ADE7754 Active Energy calculation
The 54-bit of the internal Energy register are divided by
WDIV. If the value in the WDIV register is equal to 0 then
the internal Active Energy register is divided by 1. WDIV is
an 8-bit unsigned register. The upper 24-bit of the result of
the division are then available in the 24-bit Active Energy
register. The AENERGY and RAENERGY registers read
the same internal Active energy register. They differ by the
the state in which they are leaving the internal Active energy
register after a read. Two operations are held when reading
the RAENERGY register: Read and reset to zero the internal
Active Energy register. Only one operation is held when
reading the AENERGY register: read the internal Active
Energy register.
Figure 26 shows the energy accumulation for full scale
signals (sinusoidal) on the analog inputs. The three displayed
curves, illustrate the minimum time it takes the energy
register to roll-over, when the individual Watt Gain registers
contents are all equal to 3FFh, 000h and 800h. The Watt
Gain registers are used to carry out a power calibration in the
ADE7754. As shown, the fastest integration time occurs
when the Watt Gain registers are set to maximum full scale,
i.e., 3FFh.
00,0000h
7F,FFFFh
80,0000h
3F,FFFFh
40,0000h
AENERGY[23:0]
Time
(seconds)
AWG = BWG = CWG = 3FFh
88
176
264
44
132
220
AWG = BWG = CWG = 000h
AWG = BWG = CWG = 800h
Figure 26 –Energy register roll-over time for full-scale
power (Minimum & Maximum Power Gain)
Note that the Active Energy register contents roll over to full-
scale negative (80,0000h) and continue increasing in value
when the power or energy flow is positive -See Figure 26.
Conversely if the power is negative the energy register would
under flow to full scale positive (7F,FFFFh) and continue
decreasing in value.
By using the Interrupt Enable register, the ADE7754 can be
configured to issue an interrupt (IRQ) when the Active
Energy register is half full (positive or negative).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com