Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT37TDI Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT37TDI
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37TDI Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT37TDI Datasheet HTML 1Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 2Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 3Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 4Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 5Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 6Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 7Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 8Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAT37
5
Doc No. 5005, Rev. R
60
65
70
75
80
85
90
2
3
456
INPUT VOLTAGE [V]
3 LEDS at 15mA
VOUT = 10V
3 LEDs at 15mA
VOUT = 10V
Efficiency vs. Input Voltage
74
76
78
80
82
84
86
-50
-25
0
25
50
75
100
TEMPERATURE [ºC]
LOAD =3 LEDs VIN
= 3.6V
LOAD =20 mA
LOAD =15 mA
LOAD =10 mA
LOAD = 3 LEDs
VIN = 3.6V
LOAD = 20 mA
LOAD = 15 mA
LOAD = 10 mA
Efficiency vs. Temperature
V
SW, IL, & VOUT Waveforms
PWM on
SHDN
SHDN
SHDN
SHDN
SHDN pin at 1kHz
Enable Power-Up Waveforms
TYPICAL CHARACTERISTICS
VIN = 3.6 V,TAMB = 25˚C, CIN = 4.7
µF, COUT = 1µF, L = 6.8 µH, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com