Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT37TDI Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT37TDI
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37TDI Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT37TDI Datasheet HTML 3Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 4Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 5Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 6Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 7Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 8Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 9Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 10Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CAT37
7
Doc No. 5005, Rev. R
DIODE SELECTION
Schottky diodes, with their low forward voltage drop and
fast switching speed, are the ideal choice for high
efficiency applications. Table 2 shows several different
Schottky diodes that work well with the CAT37. Make
sure that the diode has a voltage rating greater than the
output voltage. The diode conducts current only when
the power switch is turned off (typically less than one-
third the time), so a 0.4A or 0.5A diode will be sufficient
for most designs.
LED CURRENT PROGRAMMING
The LED current is programmed with a single resistor
connected to the FB pin. The FB pin is internally regulated
to 95 mV, which sets the current flowing through R1 and
the LEDs as equal to 0.095/R1.
For the best accuracy, a 1% or better resistor is
recommended. Table 3 shows several typical 1% R1
values.
For other LED current values, use the following equa-
tion to choose R1.
R1=
0.095
ILED
Most white LEDs are driven at maximum currents of
15mA to 20mA. Some higher power designs will use two
parallel strings of LEDs for greater light output, resulting
in 30mA to 40mA (two strings of 15mA to 20mA) flowing
through the R1 resistor.
APPLICATION INFORMATION
CAPACITOR SELECTION
Low ESR (equivalent series resistance) capacitors should
be used at the output to minimize the output ripple
voltage. The low ESR and small package options
available with multilayer ceramic capacitors make them
excellent choices. The X5R and X7R capacitor types are
preferred because they retain their capacitance over
wider voltage and temperature ranges than the Y5V or
Z5U types. A 1.0
µF output capacitor is recommended
for most applications.
The voltage rating of the output capacitor C2 depends on
the number of LEDs driven in the series. A 16 V ceramic
capacitor is recommended when driving 3 or 4 LEDs.
Low profile ceramic capacitors with a 1mm maximum
height/thickness are available for designs height
requirements. Ceramic capacitors also make a good
choice for the input capacitor, which should be mounted
as close as possible to the CAT37. A 1
µF or 4.7 µF
input capacitor is recommended. Table 1 shows a list of
several ceramic capacitor manufacturers. Consult the
manufacturers for detailed information as new products
and package options are introduced regularly.
Table 1. Ceramic Capacitor Manufacturers
Supplier
Web
Taiyo Yuden
www.t-yuden.com
Murata
www.murata.com
Kemet
www.kemet.com
AVX
www.avxcorp.com
Table 3. R1 Resistor Values
I
LED (mA)
R1 (
Ω)
40
2.37
30
3.16
20
4.75
15
6.34
12
7.87
10
9.53
5
19.1
Table 2. Schottky Diode Suppliers
Part
Supplier
MBR0520
ON Semiconductor
MBR0530
www.onsemi.com
MBR0540
800.282.9855
ZHCS400
Zetex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com