Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT37TDI Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT37TDI
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37TDI Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT37TDI Datasheet HTML 1Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 2Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 3Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 4Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 5Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 6Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 7Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 8Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT37
3
Doc No. 5005, Rev. R
ABSOLUTE MAXIMUM RATINGS
VIN , FB, SHDN Voltage ......................................... 8 V
SW Voltage .......................................................... 20 V
Junction Temperature ....................................... 125
°C
ELECTRICAL SPECIFICATIONS
Over recommended operating conditions unless otherwise specified. TA = 25˚C, VIN = 3V and VSHDN = 3V.
Storage Temperature .......................... -65
°C to 160°C
ESD Rating - Human Body Model .................... 2000V
Lead Soldering Temperature ............................ 300
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
2.5
7
V
IQ
Quiescent Current
VFB = 0.2 V
0.5
0.7
mA
ISD
Shutdown Current
VSHDN = 0 V
0.05
1
µA
VFB
FB Pin Voltage
4 LEDs at 15 mA
85
95
105
mV
IFB
FB Pin Leakage Current
1
2
µA
Shutdown High Threshold
0.85
V
Shutdown Low Threshold
0.25
V
ISHDN
Shutdown Pin Current
1
nA
fSW
Boost Converter Frequency
0.8
1.2
1.6
MHz
DC
Maximum Switch
90
95
%
Duty Cycle
ISWL
Switch Current Limit
400
550
780
mA
Switch Saturation Voltage
ISW = 300 mA
150
200
mV
Switch Leakage Current
Switch Off, VSW = 5 V
0.01
5
µA
Efficiency
Figure 1 with
83
%
specified components
RECOMMENDED OPERATING CONDITIONS
r
e
t
e
m
a
r
a
Pe
g
n
a
Rt
i
n
U
V
N
I
7
o
t
5
.
2V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A5
8
+
o
t
0
4
-
° C
1
L
r
o
t
c
u
d
n
Il
a
c
i
p
y
t
%
0
2
±
8
.
6H
µ
1
C
r
o
t
i
c
a
p
a
C
t
u
p
n
Il
a
c
i
p
y
t
%
0
2
±
0
.
1F
µ
2
C
r
o
t
i
c
a
p
a
C
t
u
p
t
u
Ol
a
c
i
p
y
t
%
0
2
±
0
.
1F
µ
I
D
E
L
s
e
i
r
e
s
n
i
s
D
E
L
4
o
t
1
h
t
i
w0
2
o
t
0A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com