Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT37TDI Datasheet(PDF) 12 Page - Catalyst Semiconductor

Part # CAT37TDI
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37TDI Datasheet(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT37TDI Datasheet HTML 5Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 6Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 7Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 8Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 9Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 10Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 11Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 12Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CAT37
12
Doc. No. 5005, Rev. R
REVISION HISTORY
Date
Rev.
Reason
9/25/2003
H
Updated Ordering Information - part numers
Changed L1 for each figure from 22
µH to 6.8 µH
Changed VIN for Typical Application from 2.7V to 4.2 Vto 3V to 5V
Changed C1 for each typical application circuit from 4.7
µF to 1 µF
Changed C2 for each typical application circuit from 2.2
µF to 1 µF
Changed VIN for each for each typical application circuit from
1.8 V to 3 V to 3 V to 4.2 V
9/25/2003
I
Updated Ordering Information - part numbers
11/6/2003
J
Updated Features
Changed R1 for Typical Application figure and Typical Application
Circuit figures from 6.34
Ω to 6.8Ω
Updated Description (2V to 2.5V input supply voltage)
Updated Ordering Information (added package marking code)
Updated Electrical Specifications
Updated Table 4 (R1 Resistor Value) with new values
Updated LED dimming with logic signal (0.095V to 0.105V)
12/8/2003
K
Updated Typical Application figures
Updated Electrical Specifications
Updated Operation text
Updated LED current programming text
Updated Table 4 (R1 Resistor Value) with new values
Updated LED dimming equations
Updated Typical Application Circuit figures
12/10/2003
L
Updated FB Pin Leakage Current in Electrical Specifications
12/18/2003
M
Added Typical Characteristics graphs (pages 4-6)
Added Efficiency graphs to Typical Application Circuits
Changed package drawing for 5-lead SOT-23
12/22/2003
N
Updated Absolute Maximum Ratings
Deleted temp range from Electrical Specifications
Added Recommended Operating Conditions
Updated Block Diagram
6/9/2004
O
Updated Electrical Specifications (changed VRSET to VFB in IQ
6/15/2004
P
Reoved Preliminary data sheet designation
9/22/2004
Q
Added Green Packages in all areas
11/1/2004
R
Eliminated TDFN (3x4.9mm) package
Updated Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com