Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT37TDI Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT37TDI
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37TDI Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT37TDI Datasheet HTML 5Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 6Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 7Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 8Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 9Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 10Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 11Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 12Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAT37
9
Doc No. 5005, Rev. R
TYPICAL APPLICATION CIRCUITS
The application diagrams are shown for the SOT23 pin numbers.
Three LEDs with DC Level Dimming Control
Four LEDs with PWM Dimming Control
Efficiency - Three LEDs
60
65
70
75
80
85
90
0
5
10
15
20
25
30
LED CURRENT [mA]
VIN=3.0V
VIN=3.6V
VIN = 3.6V
VIN = 3.0V
Efficiency - Four LEDs
60
65
70
75
80
85
90
0
5
10
15
20
25
30
LED CURRENT [mA]
VIN = 3.0V
VIN = 3.6V
VIN = 3.0V
VIN = 3.6V
Efficiency - Two LEDs
Two LEDs with DC Level Dimming Control
60
65
70
75
80
85
90
0
5
10
15
20
25
LED CURRENT [mA]
VIN=3.0V
VIN=3.6V
VIN = 3.6V
VIN = 3.0V
30
15mA
2
3
1
5
4
SW
VIN
SHDN
D1
VIN
3 V to 4.2 V
CAT37
FB
GND
VDC
Dimming
1k
18k
15mA
2
3
1
5
4
SW
VIN
SHDN
D1
VIN
3 V to 4.2 V
CAT37
FB
GND
VDC
Dimming
1k
18k
15mA
2
3
1
5
4
SW
VIN
SHDN
D1
VIN
3 V to 4.2 V
CAT37
FB
GND
PWM
1k
18k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com