Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2393 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 9Page - STMicroelectronics AN2393 Datasheet HTML 10Page - STMicroelectronics AN2393 Datasheet HTML 11Page - STMicroelectronics AN2393 Datasheet HTML 12Page - STMicroelectronics AN2393 Datasheet HTML 13Page - STMicroelectronics AN2393 Datasheet HTML 14Page - STMicroelectronics AN2393 Datasheet HTML 15Page - STMicroelectronics AN2393 Datasheet HTML 16Page - STMicroelectronics AN2393 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
AN2393
Electrical test results
13/35
Waveform CH3 shows the current flowing into one of the two output diodes for each output
voltage (respectively D8A and D10A). Also this current shape is almost a sine wave, whose
average value is one half the output current.
The ripple and noise on the output voltage is shown on CH2. Thanks to the advantages of
the resonant converter, the high frequency noise of the output voltages is less than 50 mV,
while the residual ripple at twice the mains frequency is lower than 75 mV at maximum load
and any line condition, as shown in Figure 11.
Figure 11.
Low frequency (100 Hz) ripple voltage on the output voltages
Figure 12 shows the dynamic behavior of the converter during a load variation from 0 to
100% on one output, with the other output at maximum load. This figure also highlights the
induced effect of this load change on the PFC pre-regulator output voltage (+400 V on Ch3
track). Both the transitions (from 0 to 100% and from 100% to 0) are clean and do not show
any problem for the output voltage regulation.
Figure 9.
Resonant circuit secondary side
waveforms: +24 V output
Figure 10.
Resonant circuit secondary side
waveforms: +12 V output
+24 V output waveforms:
Ch1: +24 V diode reverse voltage
Ch2: high freq. ripple on +24 V output voltage
Ch3: diode D8A current
+12 V output waveforms:
Ch1: +12V diode reverse voltage
Ch2: high freq. ripple on +12 V output voltage
Ch3: diode D10A current
Ch1: 100 Hz ripple voltage on +12 V
Ch2: 100 Hz ripple voltage on +24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com