Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2393 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 18Page - STMicroelectronics AN2393 Datasheet HTML 19Page - STMicroelectronics AN2393 Datasheet HTML 20Page - STMicroelectronics AN2393 Datasheet HTML 21Page - STMicroelectronics AN2393 Datasheet HTML 22Page - STMicroelectronics AN2393 Datasheet HTML 23Page - STMicroelectronics AN2393 Datasheet HTML 24Page - STMicroelectronics AN2393 Datasheet HTML 25Page - STMicroelectronics AN2393 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Bill of materials
AN2393
22/35
C34
220 pF/630 V
Polypropylene Capacitor High Ripple PFR
RIFA-EVOX
C35
470 µF/25 V
Aluminium ELCAP YXF Series 105 DEG
Rubycon
C37
2200 µF/25 V
Aluminium ELCAP YXF Series 105 DEG
Rubycon
C38
2200 µF/25 V
Aluminium ELCAP YXF Series 105 DEG
Rubycon
C39
220 nF
50 V 1206 SMD Cercap General Purpose
BC Components
C40
10 nF
100 V 1206 SMD Cercap General Purpose
BC Components
C41
10 µF/50 V
Aluminium ELCAP General Purpose 85 DEG
Rubycon
C44
47 nF
100 V 1206 SMD Cercap General Purpose
BC Components
C45
1000 µF/10 V
Aluminium ELCAP YXF Series 105 DEG
Rubycon
C46
100 µF/10 V
Aluminium ELCAP YXF Series 105 DEG
Rubycon
C47
1000 µF/10 V
Aluminium ELCAP YXF Series 105 DEG
Rubycon
C48
10 µF/50 V
Aluminium ELCAP General Purpose 85 DEG
Rubycon
C49
100 µF/10 V
Aluminium ELCAP YXF Series 105 DEG
Rubycon
C50
10 µF/50 V
Aluminium ELCAP General Purpose 85 DEG
Rubycon
C51
100 nF
100 V 0805 SMD Cercap General Purpose
BC Components
C52
47 nF
100 V 0805 SMD Cercap General Purpose
BC Components
C53
2 nF2
100 V 0805 SMD Cercap General Purpose
BC Components
C54
100 nF
50 V 1206 SMD Cercap General Purpose
BC Components
C55
10 µF/50 V
Aluminium ELCAP General Purpose 85 DEG
Rubycon
C56
100 nF
50 V 1206 SMD Cercap General Purpose
BC Components
C57
1nF0
100 V 0805 SMD Cercap General Purpose
BC Components
C58
10 nF
50 V X7R Standard Ceramic Capacitor
BC Components
D1
1N5406
General Purpose Rectifier
Vishay
D2
D15XB60
Single Phase Bridge Rectifier
Shindengen
D3
STTH8R06
TO220FP Ultrafast High Voltage Rectifier
STMicroelectronics
D5
LL4148
MINIMELF Fast Switching Diode
Vishay
D6
LL4148
MINIMELF Fast Switching Diode
Vishay
D7
LL4148
MINIMELF Fast Switching Diode
Vishay
D8A-B
STPS20H100CF
TO220FP Power Schottky Rectifier
STMicroelectronics
D9
LL4148
MINIMELF Fast Switching Diode
Vishay
D10A-B
STPS20L40CF
TO220FP Power Schottky Rectifier
STMicroelectronics
D11
LL4148
MINIMELF Fast Switching Diode
Vishay
D12
LL4148
MINIMELF Fast Switching Diode
Vishay
D13
C-12 V
BZV55-C Series Zener Diode
Vishay
D14
PKC-136
Peak Clamp Transil
STMicroelectronics
Table 7.
Bill of materials (continued)
Item
Part type/value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com