Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2393 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 17Page - STMicroelectronics AN2393 Datasheet HTML 18Page - STMicroelectronics AN2393 Datasheet HTML 19Page - STMicroelectronics AN2393 Datasheet HTML 20Page - STMicroelectronics AN2393 Datasheet HTML 21Page - STMicroelectronics AN2393 Datasheet HTML 22Page - STMicroelectronics AN2393 Datasheet HTML 23Page - STMicroelectronics AN2393 Datasheet HTML 24Page - STMicroelectronics AN2393 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
AN2393
Bill of materials
21/35
5
Bill of materials
Table 7.
Bill of materials
Item
Part type/value
Description
Supplier
C2
100 nF-X2
275 Vac X2 Safety Capacitor MKP R46
Arcotronics
C3
330 nF-X2
275 Vac X2 Safety Capacitor MKP R46
Arcotronics
C4
680 nF-X2
275 Vac X2 Safety Capacitor MKP R46
Arcotronics
C5
330 nF/630 V
Polypropylene Capacitor High Ripple MKP R71
Arcotronics - Epcos
C6
680 nF/630 V
Polypropylene Capacitor High Ripple MKP R71
Arcotronics - Epcos
C7
470 nF/630 V
Polypropylene Capacitor High Ripple MKP R71
Arcotronics - Epcos
C8
220 µF/450 V
Aluminium ELCAP USC Series 85 DEG SNAP-IN
Rubycon
C9
2nF2-Y1
400 Vac Y1 Safety Ceramic Disk Capacitor
Murata
C10
2nF2-Y1
250 Vac Y1 Safety Ceramic Disk Capacitor
Murata
C11
2nF2-Y1
250 Vac Y1 Safety Ceramic Disk Capacitor
Murata
C12
100 nF
50 V 1206 SMD Cercap General Purpose
BC Components
C13
10 µF/50 V
Aluminium ELCAP General Purpose 85 DEG
Rubycon
C14
100 nF
50 V 1206 SMD Cercap General Purpose
BC Components
C15
100 pF
100 V 0805 SMD Cercap General Purpose
BC Components
C16
1 µF
25 V 1206 SMD Cercap General Purpose
BC Components
C17
220 pF
100 V 0805 SMD Cercap General Purpose
BC Components
C18
330 pF
100 V 0805 SMD Cercap General Purpose
BC Components
C19
10 nF
100 V 0805 SMD Cercap General Purpose
BC Components
C20
470 nF
50 V 1206 SMD Cercap General Purpose
BC Components
C21
2nF2
100 V 1206 SMD Cercap General Purpose
BC Components
C22
10 nF
100 V 0805 SMD Cercap General Purpose
BC Components
C23
2 µF2
25 V 1206 SMD Cercap General Purpose
BC Components
C24
470 nF
25 V 1206 SMD Cercap General Purpose
BC Components
C25
470 µF/35 V
Aluminium ELCAP YXF Series 105 DEG
Rubycon
C26
270 pF
100 V 0805 SMD Cercap General Purpose
BC Components
C27
100 nF
50 V 1206 SMD Cercap General Purpose
BC Components
C28
22 nF/630 V/400 Vac
Polypropylene Capacitor High Ripple PHE450
RIFA-EVOX
C29
2200 µF/35 V
Aluminium ELCAP YXF Series 105 DEG
Rubycon
C30
2200 µF/35 V
Aluminium ELCAP YXF Series 105 DEG
Rubycon
C31
10 µF/50 V
Aluminium ELCAP General Purpose 85 DEG
Rubycon
C32
100 nF
50 V 1206 SMD Cercap General Purpose
BC Components
C33
4 nF7
100 V 1206 SMD Cercap General Purpose
BC Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com