Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2393 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 19Page - STMicroelectronics AN2393 Datasheet HTML 20Page - STMicroelectronics AN2393 Datasheet HTML 21Page - STMicroelectronics AN2393 Datasheet HTML 22Page - STMicroelectronics AN2393 Datasheet HTML 23Page - STMicroelectronics AN2393 Datasheet HTML 24Page - STMicroelectronics AN2393 Datasheet HTML 25Page - STMicroelectronics AN2393 Datasheet HTML 26Page - STMicroelectronics AN2393 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
AN2393
Bill of materials
23/35
D15
1N5822
Power Schottky Rectifier
STMicroelectronics
D16
1N5821
Power Schottky Rectifier
STMicroelectronics
D17
LL4148
MINIMELF Fast Switching Diode
Vishay
D18
B-10 V
BZV55-B Series Zener Diode
Vishay
D19
C-30 V
BZV55-C Series Zener Diode
Vishay
D20
BAV103
General Purpose Diode
Vishay
D21
B-27 V
BZV55-B Series Zener Diode
Vishay
D22
C-15 V
BZV55-C Series Zener Diode
Vishay
D23
B-15 V
BZV55-B Series ZENER DIODE
Vishay
F1
6.3A/250 V
T Type Fuse 5 X 20 High Capability & Fuseholder
Wickmann
J1
CON2-IN
3-Pin Connector (Central Removed) P 3.96 KK Series
Molex
J2
CON8
8-Pin Connector P 3.96 KK Series
Molex
J3
CON10
10-Pin Connector P 2.54 MTA Series
AMP
L1
CM-TF2628V-5 mH-3 A
TF2628 Series Common Mode Toroidal Inductor
TDK
L3
DM-LSR-72 µH-3 A
LSR1803-2 Differential Mode Toroidal Inductor
Delta
L4
PQ35-900 µH
86H-5409 Boost Inductor
Delta
L5
2 µH2
RFB0807 Drum Core Inductor
Coilcraft
L6
2 µH2
RFB0807 Drum Core Inductor
Coilcraft
L7
33 µH
RFB0807 Drum Core Inductor
Coilcraft
L8
33 µH
RFB0807 Drum Core Inductor
Coilcraft
Q2
STP12NM50FP
TO220FP N-Channel Power MOSFET
STMicroelectronics
Q3
BC857C
SOT23 Small Signal PNP Transistor
STMicroelectronics
Q5
STP14NK50Z
TO220FP N-Channel Power MOSFET
STMicroelectronics
Q6
STP14NK50Z
TO220FP N-Channel Power MOSFET
STMicroelectronics
Q7
BC547C
TO92 Small Signal PNP Transistor
STMicroelectronics
Q8
BC847C
SOT23 Small Signal PNP Transistor
STMicroelectronics
Q9
BC857C
SOT23 Small Signal PNP Transistor
STMicroelectronics
Q10
BC847C
SOT23 Small Signal NPN Transistor
STMicroelectronics
Q11
BC547C
TO92 Small Signal PNP Transistor
STMicroelectronics
R1
1M5
VR25 Type High Voltage Resistor
BC Components
R2
NTC 2R5-S237
NTC RESISTOR 2R5 S237 Series
Epcos
R3
680 k
Ω
1206 SMD Standard Film RES 1/4 W 5% 200 ppm/°C
BC Components
R4
47
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R5
2M2
1206 SMD Standard Film RES 1/4 W 1% 100 ppm/°C
BC Components
R6
680 k
Ω
1206 SMD Standard Film RES 1/4 W 5% 20 0ppm/°C
BC Components
Table 7.
Bill of materials (continued)
Item
Part type/value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com