Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2393 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 27Page - STMicroelectronics AN2393 Datasheet HTML 28Page - STMicroelectronics AN2393 Datasheet HTML 29Page - STMicroelectronics AN2393 Datasheet HTML 30Page - STMicroelectronics AN2393 Datasheet HTML 31Page - STMicroelectronics AN2393 Datasheet HTML 32Page - STMicroelectronics AN2393 Datasheet HTML 33Page - STMicroelectronics AN2393 Datasheet HTML 34Page - STMicroelectronics AN2393 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
AN2393
Auxiliary flyback power transformer
31/35
Figure 26.
Auxiliary transformer winding position on coil former
Note:
Manufacturer: DELTA ELECTRONICS - Part number: 86A-6079-R
Table 11.
Auxiliary transformer winding characteristics
Pins
Start - End
Winding
RMS current
Number of turns
Wire type
4-5
PRIMARY
0.2 ARMS
140
G2 -
φ0.25 mm
2-1
AUX
0.05 ARMS
29
G2 -
φ0.25 mm
8-10
3.3 V
1.2 ARMS
7TIW -
φ0.75 mm
6-7
5 V
1 ARMS
3TIW -
φ0.75 mm
3.3 V/5 V
Auxiliary
Primary
Insulating
Coil Former



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com