Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1S31
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1S31 Datasheet HTML 5Page - STMicroelectronics ST1S31 Datasheet HTML 6Page - STMicroelectronics ST1S31 Datasheet HTML 7Page - STMicroelectronics ST1S31 Datasheet HTML 8Page - STMicroelectronics ST1S31 Datasheet HTML 9Page - STMicroelectronics ST1S31 Datasheet HTML 10Page - STMicroelectronics ST1S31 Datasheet HTML 11Page - STMicroelectronics ST1S31 Datasheet HTML 12Page - STMicroelectronics ST1S31 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DocID022998 Rev 4
9/35
ST1S31
Functional description
35
4.1
Output voltage adjustment
The error amplifier reference voltage is 0.8 V typical. The output voltage is adjusted
according to the following formula (see Figure 1 on page 1):
Equation 1
The internal architecture of the device requires a minimum off time, cycle-by-cycle, for the
output voltage regulation. The minimum off time is typically equal to 94 ns.
The control loop compensates for conversion losses with duty cycle control. Since the
power losses are proportional to the delivered output power, the duty cycle increases with
the load current request.
Figure 4 shows the maximum regulated output voltage over the input voltage range at
different loading conditions.
Figure 4. Maximum output voltage over loading conditions
4.2
Soft-start
The soft-start is essential to assure the correct and safe startup of the step-down converter.
It avoids inrush current surge and makes the output voltage rise monotonically.
The soft-start is managed by ramping the reference of the error amplifier from 0 V to 0.8 V.
The internal soft-start capacitor is charged with a resistor to 0.8 V, then the FB pin follows
the reference so that the output voltage is regulated to rise to the set value monotonically.
VOUT
0.8
1
R1
R2
-------
+


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com