Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST1S31
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST1S31 Datasheet HTML 10Page - STMicroelectronics ST1S31 Datasheet HTML 11Page - STMicroelectronics ST1S31 Datasheet HTML 12Page - STMicroelectronics ST1S31 Datasheet HTML 13Page - STMicroelectronics ST1S31 Datasheet HTML 14Page - STMicroelectronics ST1S31 Datasheet HTML 15Page - STMicroelectronics ST1S31 Datasheet HTML 16Page - STMicroelectronics ST1S31 Datasheet HTML 17Page - STMicroelectronics ST1S31 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Functional description
ST1S31
14/35
DocID022998 Rev 4
Figure 8. Phase bode plot
4.4
Overcurrent protection
The ST1S31 device implements overcurrent protection sensing the current flowing through
the high-side current switch.
If the current exceeds the overcurrent threshold the high-side is turned off, implementing
a cycle-by-cycle current limitation. Since the regulation loop is no longer fixing the duty
cycle, the output voltage is unregulated and the FB pin falls accordingly to the new duty
cycle.
If the FB falls below 0.2 V, the peak current limit is reduced to around 2.3 A and the
switching frequency is reduced to assure that the inductor current is properly limited below
the above mentioned value and above 1.2 A. This strategy is called “current foldback”.
The mechanism to adjust the switching frequency during the current foldback condition
exploits the low-side current sense circuitry. If FB is lower than 0.2 V, the high-side power
MOSFET is turned off when the current reaches the current foldback threshold (2.3 A), then,
after a proper deadtime that avoids the cross conduction, the low-side is turned on until the
low-side current is lower than a valley threshold (1.2 A). Once the low-side is turned off, the
high-side is immediately turned on. In this way the frequency is adjusted to keep the
inductor current ripple between the current foldback value (2.3 A) and valley threshold
(1.2 A), so properly limiting the output current in case of overcurrent or short-circuit.
It should be noted that in some cases, mainly with very low output voltages, the hard
overcurrent can cause the FB to find the new equilibrium just over the current foldback
threshold (0.2 V). In this case no frequency reduction is enabled, then the inductor current
may diverge. This means that the ripple current during the minimum ON-time is higher than
the ripple current during the OFF-time (the switching period minus the minimum ON-time),
so pulse-by-pulse, the average current is rising, exceeding the current limit.
In order to avoid too high current, a further protection is activated when the high-side current
exceeds a further current threshold (OCP2) slightly over the current limit (OCP1). If the
current triggers the second threshold, the converter stops switching, the reference of the
error amplifier is pulled down and then it restarts with a soft-start procedure. If the
overcurrent condition is still active, the current foldback with frequency reduction properly
limits the output current to 2.3 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com