Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1S31
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1S31 Datasheet HTML 1Page - STMicroelectronics ST1S31 Datasheet HTML 2Page - STMicroelectronics ST1S31 Datasheet HTML 3Page - STMicroelectronics ST1S31 Datasheet HTML 4Page - STMicroelectronics ST1S31 Datasheet HTML 5Page - STMicroelectronics ST1S31 Datasheet HTML 6Page - STMicroelectronics ST1S31 Datasheet HTML 7Page - STMicroelectronics ST1S31 Datasheet HTML 8Page - STMicroelectronics ST1S31 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Pin settings
ST1S31
4/35
DocID022998 Rev 4
1
Pin settings
1.1
Pin connection
Figure 2. Pin connection (top view)
1.2
Pin description
Table 1. Pin description
No.
Type
Description
1
VINA
Unregulated DC input voltage
2EN
Enable input. With EN higher than 1.5 V the device is ON and with EN
lower than 0.5 V the device is OFF.
3FB
Feedback input. Connecting the output voltage directly to this pin the
output voltage is regulated at 0.8 V. To have higher regulated voltages an
external resistor divider is required from VOUT to the FB pin.
4
AGND
Ground
5PG
Open drain Power Good (POR) pin. It is released (open drain) when the
output voltage is higher than 0.92 * VOUT with a delay of 170 s. If the
output voltage is below 0.92 * VOUT, the POR pin goes to low impedance
immediately. If not used, it can be left floating or to GND.
6
VINSW
Power input voltage
7
SW
Regulator output switching pin
8
PGND
Power ground
ePAD
(VFDFPN package only) exposed pad connected to ground assuring
electrical contact and heat conduction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com