Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST1S31
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST1S31 Datasheet HTML 11Page - STMicroelectronics ST1S31 Datasheet HTML 12Page - STMicroelectronics ST1S31 Datasheet HTML 13Page - STMicroelectronics ST1S31 Datasheet HTML 14Page - STMicroelectronics ST1S31 Datasheet HTML 15Page - STMicroelectronics ST1S31 Datasheet HTML 16Page - STMicroelectronics ST1S31 Datasheet HTML 17Page - STMicroelectronics ST1S31 Datasheet HTML 18Page - STMicroelectronics ST1S31 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
DocID022998 Rev 4
15/35
ST1S31
Functional description
35
4.5
Enable function
The enable feature allows the device to be put into standby mode. With the EN pin is lower
than 0.4 V, the device is disabled and the power consumption is reduced to less than 10
A.
With the EN pin higher than 1.2 V, the device is enabled. If the EN pin is left floating, an
internal pull-down ensures that the voltage at the pin reaches the inhibit threshold and the
device is disabled. The pin is also VIN compatible.
4.6
Light load operation
With peak current mode control loop the output of the error amplifier is proportional to the
load current. In the ST1S31 device, to increase light load efficiency when the output of the
error amplifier falls below a certain threshold, the high-side turn-on is prevented.
This mechanism reduces the switching frequency at light load in order to save the switching
losses.
4.7
Hysteretic thermal shutdown
The thermal shutdown block generates a signal that turns off the power stage if the junction
temperature goes above 150 °C. Once the junction temperature goes back to about 130 °C,
the device restarts in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com